Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMD310 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMD310
Description  High Intensity SMD LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMD310 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMD310 Datasheet HTML 1Page - Vishay Siliconix TLMD310 Datasheet HTML 2Page - Vishay Siliconix TLMD310 Datasheet HTML 3Page - Vishay Siliconix TLMD310 Datasheet HTML 4Page - Vishay Siliconix TLMD310 Datasheet HTML 5Page - Vishay Siliconix TLMD310 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLMD310.
Vishay Telefunken
1 (6)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83037
High Intensity SMD LED
Color
Type
Technology
Angle of Half Intensity
±ö
Double hetero red
TLMD3100
GaAlAs on GaAs
60
°
Description
These new devices have been designed to meet the
increasing demand for surface mounting technology.
This device is used for outdoor or for low power
applications.
The package of the TLMD310. is the P–LCC–2
(equivalent to a size B tantalum capacitor).
It consists of a lead frame which is surrounded with a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
Features
D SMD LEDs with exceptional brightness
D Luminous intensity categorized
D Compatible with automatic placement equipment
D EIA and ICE standard package
D Compatible with infrared, vapor phase and wave
solder processes according to CECC
D Available in 8 mm tape
D Low profile package
D Non-diffused lens: excellent for coupling to light
pipes and backlighting
D Low power consumption
D Luminous intensity ratio in one packaging unit
IVmax/IVmin x 2.0
94 8553
Applications
Automotive: backlighting in dashboards and switches
Telecommunication: indicator and backlighting in telephone and fax
Indicator and backlight for audio and video equipment
Indicator and backlight for battery driven equipment
Small indicator for outdoor applications
Indicator and backlight in office equipment
Flat backlight for LCDs, switches and symbols
General use


Similar Part No. - TLMD310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMD310 VISHAY-TLMD310 Datasheet
111Kb / 6P
Standard SMD LED PLCC-2
12-Sep-07
TLMD3101 VISHAY-TLMD3101 Datasheet
80Kb / 6P
High Intensity SMD LED
04-Feb-99
TLMD3102 VISHAY-TLMD3102 Datasheet
80Kb / 6P
High Intensity SMD LED
04-Feb-99
TLMD3105 VISHAY-TLMD3105 Datasheet
80Kb / 6P
High Intensity SMD LED
04-Feb-99
TLMD310 VISHAY-TLMD310_V01 Datasheet
111Kb / 6P
Standard SMD LED PLCC-2
12-Sep-07
More results

Similar Description - TLMD310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMD3101 VISHAY-TLMD3101 Datasheet
80Kb / 6P
High Intensity SMD LED
04-Feb-99
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
High Intensity SMD LED High Intensity SMD LED
04-Feb-99
TLME3101 VISHAY-TLME3101 Datasheet
78Kb / 6P
High Intensity SMD LED
04-Feb-99
TLME3105 VISHAY-TLME3105 Datasheet
78Kb / 6P
High Intensity SMD LED
04-Feb-99
TLMF3100 VISHAY-TLMF3100 Datasheet
78Kb / 6P
High Intensity SMD LED
04-Feb-99
TLMK3100 VISHAY-TLMK3100 Datasheet
78Kb / 6P
High Intensity SMD LED
04-Feb-99
TLMK3102 VISHAY-TLMK3102 Datasheet
78Kb / 6P
High Intensity SMD LED
04-Feb-99
TLMK3105 VISHAY-TLMK3105 Datasheet
78Kb / 6P
High Intensity SMD LED
04-Feb-99
83143 VISHAY-83143 Datasheet
165Kb / 6P
High Intensity SMD LED
31-Aug-04
VLMF31Q2T1-GS08 VISHAY-VLMF31Q2T1-GS08 Datasheet
179Kb / 8P
High Intensity SMD LED
06-Sep-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com