Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX21 Datasheet(PDF) 1 Page - celduc-relais

Part # AX21
Description  REED SWITCH NORMALY OPEN, DRY CONTACT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

AX21 Datasheet(HTML) 1 Page - celduc-relais

  AX21 Datasheet HTML 1Page - celduc-relais AX21 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1 / 2 F/GB
I/SEC/AX21-001/C/28/09/2004
r
e
l
a
i
s
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PP
P
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
INTERRUPTEUR REED
REED SWITCH
NORMALEMENT OUVERT, CONTACT SEC
NORMALY OPEN, DRY CONTACT
Ø 2,3 max
Ø 0,6
14,2
54
AX21 . . . .
CARACTERISTIQUES ELECTRIQUES / ELECTRICAL DATA
Puissance maxi commutable / Max. switching power
10 VA
Tension maxi commutable / Max. switching voltage
100 Vdc
Courant maxi commutable / Max. switching current
0,5 A
Courant de travail / Carrying current
1 A
Tension typique de tenue / Typical dielectric strength
250 Vdc
Résistance de contact initiale ( max ) / Initial contact resistance
≤ 100 mΩ
Méthode de mesure / Test process
Résistance d'isolement ( min ) / Insulation resistance
1012
Ω
Capacité / Capacitance
0,2 pF
Fréquence de résonnance / Resonnant frequency
3000 Hz
Bobine / Coil :
Mesure en 4 points /4 points measurement
I = 10 mA ; U = 2 V
Alimentation de bobine /Coil voltage: ATF + 20 %
mesure de tension
voltage measurement
30 mm


Similar Part No. - AX21

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
AX210 INTEL-AX210 Datasheet
184Kb / 3P
Intel® Wi-Fi6E AX210 (Gig) Module
AX210.NGWG INTEL-AX210.NGWG Datasheet
184Kb / 3P
Intel® Wi-Fi6E AX210 (Gig) Module
AX210.NGWG.NVX INTEL-AX210.NGWG.NVX Datasheet
184Kb / 3P
Intel® Wi-Fi6E AX210 (Gig) Module
AX210D2W INTEL-AX210D2W Datasheet
184Kb / 3P
Intel® Wi-Fi6E AX210 (Gig) Module
AX210NGW INTEL-AX210NGW Datasheet
184Kb / 3P
Intel® Wi-Fi6E AX210 (Gig) Module
More results

Similar Description - AX21

ManufacturerPart #DatasheetDescription
logo
celduc-relais
AC03 CELDUC-AC03 Datasheet
362Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC05 CELDUC-AC05 Datasheet
375Kb / 6P
REED SWITCH NORMALY OPEN, DRY CONTACT
AC011015 CELDUC-AC011015 Datasheet
79Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AD810XXXXX CELDUC-AD810XXXXX Datasheet
94Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI02 CELDUC-AI02 Datasheet
367Kb / 3P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI03 CELDUC-AI03 Datasheet
340Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI43 CELDUC-AI43 Datasheet
397Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
AI44 CELDUC-AI44 Datasheet
83Kb / 1P
REED SWITCH NORMALY OPEN, DRY CONTACT
AL44 CELDUC-AL44 Datasheet
80Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
IA85 CELDUC-IA85 Datasheet
111Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com