Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05050WAD Datasheet(PDF) 4 Page - Emerson Network Power

Part # PTH05050WAD
Description  DC-DC CONVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH05050WAD Datasheet(HTML) 4 Page - Emerson Network Power

  PTH05050WAD Datasheet HTML 1Page - Emerson Network Power PTH05050WAD Datasheet HTML 2Page - Emerson Network Power PTH05050WAD Datasheet HTML 3Page - Emerson Network Power PTH05050WAD Datasheet HTML 4Page - Emerson Network Power PTH05050WAD Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev.07.30.08
PTH05050
4 of 5
Embedded Power for
Business-Critical Continuity
Specifications
Notes
A
SOA curves represent the conditions at which internal components are within
the Artesyn derating guidelines.
B
Characteristic data has been developed from actual products tested at 25 °C.
This data is considered typical data for the converter.
PTH05050
(Top View)
4
5
1
2
3
6
GND
Track
Vin
Cin 100F
(Required) +
RSET 1%, 0.1W
(Required)
GND
+
Co1 100F
Electrolytic
(Optional)
Co2 10F
Ceramic
(Optional)
Vout
Inhibit
Figure 3 - Standard Application
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places 0.030 (0.76)
3 Places 0.010 (0.25)
TOP VIEW
SIDE VIEW
0.870 (22.10)
6
3
5
4
1
2
MAX.
0.335 (8.50)
Host Board
0.495
(12.57)
0.040 (1.02)
6 Places
0.750 (19.06)
0.125
(3.18)
0.125
(3.18)
0.125
(3.18)
(1.52)
0.060
(9.52)
0.375
(1.52)
0.060
(3.55)
0.140
Lowest Component
0.010 min. (0.25)
Bottom side Clearance
0.070 (1.78)
(Standoff Shoulder)
Figure 4 - Plated Through-Hole Mechanical Drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com