Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH05010YAHT Datasheet(PDF) 4 Page - Emerson Network Power

Part # PTH05010YAHT
Description  DC-DC CONVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH05010YAHT Datasheet(HTML) 4 Page - Emerson Network Power

  PTH05010YAHT Datasheet HTML 1Page - Emerson Network Power PTH05010YAHT Datasheet HTML 2Page - Emerson Network Power PTH05010YAHT Datasheet HTML 3Page - Emerson Network Power PTH05010YAHT Datasheet HTML 4Page - Emerson Network Power PTH05010YAHT Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev.2.16.09_147
PTHxx010Y
4 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
PTHxx010YCharacteristicData
3.3V
5.0V
12.0V
50
60
70
80
90
100
0
3
6
9
12
15
Vin
OUTPUT CURRENT (A)
Nat conv
100 LFM
200 LFM
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
70
80
AMBIENT TEMPERATURE (ºC)
Figure 3 - Efficiency vs Load Current
VREF = 1.25 V (See Note B)
Figure 1 - Safe Operating Area
Vin = 3.3 V, VREF = 1.25 V, Iout = 15 A (See Note A)
Q1
BSS138
(Optional)
1 k
1 k
1 %
1 %
SSTL-2
Data/
Address/
Bus
GND
Vin
Standby
VDDQ
Cin
(Required)
PTHxx010Y
(Top View)
Co1
Low-ESR
(Required)
Co2
Ceramic
(Optional)
Con
hf-Ceramic
VTT
VREF
4
5
1
2
3
6
7
+
8
9
10
+
Figure 4 - Standard Application
Nat conv
100 LFM
200 LFM
AMBIENT TEMPERATURE (ºC)
0
2
4
6
8
10
12
0
10
20
30
40
50
60
70
80
14
Figure 2 - Safe Operating Area
Vin = 12 V, VREF = 1.25 V, Iout = 12 A (See Note A)
Notes
A SOAcurvesrepresenttheconditionsatwhichinternalcomponentsarewithin
theEmersonNetworkPowerderatingguidelines.
B Characteristicdatahasbeendevelopedfromactualproductstestedat25°C.
Thisdataisconsideredtypicaldatafortheconverter.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com