Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010YAHT Datasheet(PDF) 3 Page - Emerson Network Power

Part # PTH12010YAHT
Description  DC-DC CONVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH12010YAHT Datasheet(HTML) 3 Page - Emerson Network Power

  PTH12010YAHT Datasheet HTML 1Page - Emerson Network Power PTH12010YAHT Datasheet HTML 2Page - Emerson Network Power PTH12010YAHT Datasheet HTML 3Page - Emerson Network Power PTH12010YAHT Datasheet HTML 4Page - Emerson Network Power PTH12010YAHT Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev.2.16.09_147
PTHxx010Y
 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
P T H 0 5 0 1 0 Y A S T
PartNumberSystemwithOptions
Product Family
PointofLoadAlliance
Compatible
Mounting Option (8)
D=HorizontalThrough-Hole(MatteSn)
H=HorizontalThrough-Hole(Sn/Pb)
S= Surface-Mount(63/37Sn/Pb
pinsoldermaterial)
Z= Surface-Mount(96.5/3.0/0.5Sn/Ag/Cu
pinsoldermaterial)
Output Current
01=15A
Packaging Options
NoSuffix=Trays
T=TapeandReel (7)
Input Voltage
03=3.3V,05=5V
and12=12V
Mechanical Package
Always0
Pin Option
A=Through-HoleStd.PinLength(0.140”)
A=Surface-MountTin/LeadSolderBall
Output Voltage Code
Y=DDRModule
Ordering Information
Output Power
(max)
Input
Voltage
VTT
Range
Output Currents
Efficiency
(max)
Model Numbers
odelNumbers(8,9)
Min
Max
27W
2.95-3.65Vdc
0.55-1.8Vdc
0A
±15A
88%
PTH03010Y
27W
4.5-5.5Vdc
0.55-1.8Vdc
0A
±15A
88%
PTH05010Y
21.6W
10.8-13.2Vdc
0.55-1.8Vdc
0A
±12A
85%
PTH12010Y
Notes
1 Ratingisconditionalonthemodulebeingsolderedtoa4layerPCB
with1oz.copper.SeetheSOAcurvesorcontactthefactoryfor
appropriatederating.
2 Thiscontrolpinhasaninternalpull-uptotheinputvoltageVin.If
it is left open-circuit the module will operate when input power is
applied.Asmalllow-leakage(<100nA)MOSFETisrecommendedfor
control.Forfurtherinformation,consultApplicationNote177.
3 Aninputcapacitorisrequiredforproperoperation.Thecapacitor
mustberatedforaminimumof800mArmsofripplecurrent.
4 Thetypicalvalueofexternaloutputcapacitancevalueensuresthat
VTTmeetsthespecifiedtransientperformancerequirementsfor
thememorybusterminations.Lowervaluesofcapacitancemay
bepossiblewhenthemeasuredpeakchangeinoutputcurrentis
consistentlylessthan3A.Testconditionswere15A/µsloadstep,
-1.5Ato+1.5A.
5 Thisisthecalculatedmaximum.TheminimumESRlimitationwill
oftenresultinalowervalue.ConsultApplicationNote177for
furtherdetails.
6 ThisisthetypicalESRforalltheelectrolytic(non-ceramic)output
capacitance.Use7mΩastheminimumwhenusingmax-ESR
valuestocalculate.
7 Tapeandreelpackagingonlyavailableonthesurface-mount
versions.
8 ToorderPb-free(RoHScompatible)surface-mountpartsreplace
themountingoption‘S’with‘Z’,e.g.PTHXX010YAZ.ToorderPb-
free(RoHScompatible)through-holepartsreplacethemounting
option‘H’with‘D’,e.g.PTHXX010YAD.
9 NOTICE:Somemodelsdonotsupportalloptions.Pleasecontact
yourlocalEmersonNetworkPowerrepresentativeorusetheon-line
modelnumbersearchtoolathttp://www.PowerConversion.comto
findasuitablealternative.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com