Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03010YAST Datasheet(PDF) 2 Page - Emerson Network Power

Part # PTH03010YAST
Description  DC-DC CONVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH03010YAST Datasheet(HTML) 2 Page - Emerson Network Power

  PTH03010YAST Datasheet HTML 1Page - Emerson Network Power PTH03010YAST Datasheet HTML 2Page - Emerson Network Power PTH03010YAST Datasheet HTML 3Page - Emerson Network Power PTH03010YAST Datasheet HTML 4Page - Emerson Network Power PTH03010YAST Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev.2.16.09_147
PTHxx010Y
2 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Output
Output current:
(overV
VREFrange)
(SeeNote1)
PTH03010YandPTH05010Y
PTH12010Y
±15A
±12A
TrackingrangeforVREF:
0.55-1.8Vdc
Trackingtolderanceto VREF(VTT-VREF)
(overline,load&temperature)
-10mVto+10mV
Rippleandnoise:
20MHzbandwidth
20mVpk-pk
Loadtransientresponse:
(SeeNote4)
30µs settling time
µs settling time
Overshoot/undershoot30mVtyp.
Output capacitance:
Non-ceramicvalues
(SeeNotes4&5)
PTH03010Y
PTH05010Y
PTH12010Y
470µF typ., 8,200 µF max.
µFtyp.,8,200µFmax.
470µF typ., 8,200 µF max.
µFtyp.,8,200µFmax.
940µF typ., 6,600 µF max.
µFtyp.,6,600µFmax.
Ceramic values
(SeeNote4)
PTH03010Y
PTH05010Y
PTH12010Y
200µF typ., 300 µF max.
µFtyp.,300µFmax.
200µF typ., 300 µF max.
µFtyp.,300µFmax.
400µF typ., 600 µF max.
µFtyp.,600µFmax.
(SeeNote6)
ESR(non-ceramic)
4mΩmin.
GeneralSpecifications
Efficiency:
lo=10A
PTH03010Y
PTH05010Y
PTH12010Y
88%typ.
88%typ.
85%typ.
Insulation voltage:
Non-isolated
Switching frequency:
PTH03010Y
PTH05010Y
PTH12010Y
300-400kHz
300-400kHz
200-300kHz
Approvalsandstandards(pending):
EN60950
UL/cUL60950
Materialflammability:
UL94V-0
Dimensions:
(LxWxH)
34.80x15.75x9.00mm
1.370x0.620x0.354in
Weight:
3.7g(0.13oz)
MTBF
TelcordiaSR-332
6,000,000hours
EnvironmentalSpecifications
ThermalPerformance:
(SeeNote2)
Operatingambient,
temperature
Non-operating
-40 °Cto+85°C
-40 °Cto+125°C
MSL(‘Z’suffixonly):
JEDECJ-STD-020C
Level3
Protection
Overcurrentthreshold(autoreset):
PTH03010YandPTH05010Y
PTH12010Y
27.5Atyp.
20.0Atyp.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com