Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD03210 Datasheet(PDF) 2 Page - celduc-relais

Part # SLD03210
Description  SLIM SOCKET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SLD03210 Datasheet(HTML) 2 Page - celduc-relais

  SLD03210 Datasheet HTML 1Page - celduc-relais SLD03210 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 2 / 2F/GB
S/MON/SESD01000/A/24/03/2005
okpac
Plastique / Plastic Materials :
A1
A2
NF
COM
NO
celduc
®
SLIM SOCKET ESD01000
A1
-
A2
+
14
NO
11
COM
12
NF
A1 A2
NF COM NO
A1 A2
NF COM NO
+
+-
-
SLD
A1 A2
NF COM NO
+
-
SLA
A1
A2
NF
COM
NO
EMR
Raccordement/Connections
Section max de fil / Max. wire
: 2,5 mm2 / AWG 14
Tournevis / Screwdriver type :
2,5 x 0,5 mm
Couple de serrage /Screws torque : 0,5 Nm
6 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com