Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03050YAHT Datasheet(PDF) 3 Page - Emerson Network Power

Part # PTH03050YAHT
Description  DC-DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH03050YAHT Datasheet(HTML) 3 Page - Emerson Network Power

  PTH03050YAHT Datasheet HTML 1Page - Emerson Network Power PTH03050YAHT Datasheet HTML 2Page - Emerson Network Power PTH03050YAHT Datasheet HTML 3Page - Emerson Network Power PTH03050YAHT Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
Non-isolated DDR/QDR Memory Bus Termination Module
3
NEW Product
File Name: PTHxx050Y.pdf Rev (02): 19 Dec 2005
PTHxx050Y
3.3/5/12 Vin Single Output
OUTPUT CURRENT (A)
50
60
70
80
90
100
0
12
3
4
56
3.3V
5.0V
12.0V
Vin
Nat conv
20
30
40
50
60
70
80
90
0
12
3
4
5
6
OUTPUT CURRENT (C)
Figure 3 - Efficiency vs Load Current
VREF = 1.25 V (See Note B)
Figure 1 - Safe Operating Area
Vin = 3.3 V, VREF = 1.25 V, Iout = 6 A (See Note A)
N
No
otte
es
s
A
The SOA curves represent the conditions at which internal components
are within the Artesyn derating guidelines.
B
Characteristic data has been developed from actual products tested at
25 °C. This data is considered typical data for the converter.
4
5
1
2
3
6
PTHxx050Y
(Top View)
GND
Vin
Standby
VDDQ
1k
1k
1%
1%
Cin
(Required)
BSS138
(Optional)
+
+
Co1
Low-ESR
(Required)
Co2
Ceramic
(Optional)
Con
hf-Ceramic
SSTL-2
Data/
Address/
Bus
V
TT
V
REF
Q1
Figure 4 - Standard Application
Nat conv
100 LFM
200 LFM
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
AMBIENT TEMPERATURE (ºC)
8
Figure 2 - Safe Operating Area
Vin = 12V, VREF = 1.25 V, Iout = 6 A (See Note A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com