Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMP3100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMP3100
Description  SMD LED in P-LCC-2 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP3100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMP3100 Datasheet HTML 1Page - Vishay Siliconix TLMP3100 Datasheet HTML 2Page - Vishay Siliconix TLMP3100 Datasheet HTML 3Page - Vishay Siliconix TLMP3100 Datasheet HTML 4Page - Vishay Siliconix TLMP3100 Datasheet HTML 5Page - Vishay Siliconix TLMP3100 Datasheet HTML 6Page - Vishay Siliconix TLMP3100 Datasheet HTML 7Page - Vishay Siliconix TLMP3100 Datasheet HTML 8Page - Vishay Siliconix TLMP3100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLM.310.
Vishay Telefunken
1 (12)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83032
SMD LED in P–LCC–2 Package
Color
Type
Technology
Angle of Half Intensity
±ö
High efficiency red
TLMH3100
GaAsP on GaP
60
°
Soft orange
TLMO3100
GaAsP on GaP
60
°
Yellow
TLMY3100
GaAsP on GaP
60
°
Green
TLMG3100
GaP on GaP
60
°
Pure green
TLMP3100
GaP on GaP
60
°
Description
These devices have been designed to meet the
increasing demand for surface mounting technology.
The package of the TLM.310. is the P–LCC–2
(equivalent to a size B tantalum capacitor).
It consists of a lead frame which is surrounded with a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
Features
D SMD LEDs with exceptional brightness
D Luminous intensity categorized
D Compatible with automatic placement equipment
D EIA and ICE standard package
D Compatible with infrared, vapor phase and wave
solder processes according to CECC
D Available in 8 mm tape
D Low profile package
D Non-diffused lens: excellent for coupling to light
pipes and backlighting
D Low power consumption
D Luminous intensity ratio in one packaging unit
IVmax/IVmin x 2.0
94 8553
Applications
Automotive: backlighting in dashboards and switches
Telecommunication: indicator and backlighting in telephone and fax
Indicator and backlight for audio and video equipment
Indicator and backlight in office equipment
Flat backlight for LCDs, switches and symbols
General use


Similar Part No. - TLMP3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP3100 VISHAY-TLMP3100 Datasheet
306Kb / 10P
Vishay Semiconductors
31-Aug-04
TLMP3100 VISHAY-TLMP3100 Datasheet
133Kb / 11P
Standard SMD LED PLCC-2
12-Sep-07
More results

Similar Description - TLMP3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMB310 VISHAY-TLMB310 Datasheet
78Kb / 6P
SMD LED in P-LCC-2 Package
13-Jul-99
TLMG3101 VISHAY-TLMG3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMG3105 VISHAY-TLMG3105 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMH3101 VISHAY-TLMH3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMH3102 VISHAY-TLMH3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMO3101 VISHAY-TLMO3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMP3102 VISHAY-TLMP3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMY3101 VISHAY-TLMY3101 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMY3102 VISHAY-TLMY3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMS310 VISHAY-TLMS310 Datasheet
102Kb / 6P
SMD LED in P-LCC-2 Package
04-Jul-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com