Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03010YAS Datasheet(PDF) 1 Page - Emerson Network Power

Part # PTH03010YAS
Description  DC-DC CONVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH03010YAS Datasheet(HTML) 1 Page - Emerson Network Power

  PTH03010YAS Datasheet HTML 1Page - Emerson Network Power PTH03010YAS Datasheet HTML 2Page - Emerson Network Power PTH03010YAS Datasheet HTML 3Page - Emerson Network Power PTH03010YAS Datasheet HTML 4Page - Emerson Network Power PTH03010YAS Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
PTHxx010Y
3.3/5/12 Vin
Single Output
Special Features
• VTTbusterminationoutput
(outputthesystemVREF)
• 15Aoutputcurrent
• 3.3,5or12Vdcinput
voltage
• DDRandQDRcompatible
• ON/OFFinhibit(forVTT
standby)
• Under-voltagelockout
• Operatingtemperature
range: -40 °Cto+85°C
• Efficienciesupto91%
• Outputovercurrent
protection(non-latching,
auto-reset)
• Point-of-Load-Alliance(POLA)
compatible
• AvailableRoHScompliant
• 2YearWarranty
Total Power:
27W
# of Outputs:
Single
Safety
UL/cULCAN/CSA-C22.2
No.60950,FileNo.E174104
TÜVProductService
(EN60950)CertificateNo.
B040638572044
CBReportandCertificateto
IEC60950,CertificateNo.
US/8292/UL
•
•
•
Rev.2.16.09_147
PTHxx010Y
1 of 5
Input
Input voltage range:
PTH03010Y
PTH05010Y
PTH12010Y
2.95-3.65Vdc
4.5-5.5Vdc
10.8-13.2Vdc
Input current:
Noload
10mA
RemoteON/OFF:
Positive logic
Undervoltagelockout:
PTH03010Y
Vinincreasing
Vindecreasing
2.45Vtyp.,2.80Vmax.
2.20Vmin.,2.40Vtyp.
PTH05010Y
Vinincreasing
Vindecreasing
4.30Vtyp.,4.45Vmax.
3.40Vmin.,3.70Vtyp.
PTH12010Y
Vinincreasing
Vindecreasing
9.5Vtyp.,10.4Vmax.
8.80Vmin.,9.0Vtyp.
Input capacitance:
(SeeNote3)
PTH03010Y&PTH05010Y
PTH12010Y
470µF
560µF
Specifications
Allspecificationsaretypicalatnominalinput,Vref=1.25V,fullloadat25˚Cunlessotherwisestated.
Cin,Co1 and Co2 = typical value


Similar Part No. - PTH03010YAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03010YAS TI-PTH03010YAS Datasheet
776Kb / 18P
15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PTH03010YAS TI2-PTH03010YAS Datasheet
840Kb / 18P
15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
REVISED OCTOBER 2005
PTH03010YAST TI-PTH03010YAST Datasheet
776Kb / 18P
15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
More results

Similar Description - PTH03010YAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com