Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBWIIBC Datasheet(PDF) 3 Page - Emerson Network Power

Part # QBWIIBC
Description  wide-input intermediate bus converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

QBWIIBC Datasheet(HTML) 3 Page - Emerson Network Power

  QBWIIBC Datasheet HTML 1Page - Emerson Network Power QBWIIBC Datasheet HTML 2Page - Emerson Network Power QBWIIBC Datasheet HTML 3Page - Emerson Network Power QBWIIBC Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.04.02.08
qbwiibc
3 of 4
Embedded Power for
Business-Critical Continuity
Specifications Contd.
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
TOTAL
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
REGULATION
NUMBER
(1,4)
(MAX.)
(MIN)
(MAX.)
168 W
36-75 Vdc
12 V
0 A
14 A
94.5%
±10%
TQW14A-48S12-RJ
TQW14A-48S12-RJ
Part Number System with Options
Product Family
TQW = Transformer Quarter-Brick
Wide Input
Rated Output Current
14A = 14 Amps
Input Voltage
48 V
Type of Output
S = Single
Output Voltage
12 V
Remote ON/OFF Logic
‘-R’ = Negative (See Note 1)
RoHS Compliance(4)
J = Pb-free (RoHS 6/6 compliant)
Notes
1
The standard product features active-low remote ON/OFF.
Active low ON/OFF
ON <0.7 V
OFF > 1.1 V or open circuit.
2
Tested with 4 x 47 μF tantalum capacitors plus 2 x 4.7 μF ceramic capacitors.
See Application Note 135 for set-up.
3
Derating curves available in both the Longform Datasheet and Application
Note.
4
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
33 μF
Output capacitance
200 μF/10 mW ESR max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com