Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH03050YAS Datasheet(PDF) 1 Page - Emerson Network Power

Part # PTH03050YAS
Description  DC-DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH03050YAS Datasheet(HTML) 1 Page - Emerson Network Power

  PTH03050YAS Datasheet HTML 1Page - Emerson Network Power PTH03050YAS Datasheet HTML 2Page - Emerson Network Power PTH03050YAS Datasheet HTML 3Page - Emerson Network Power PTH03050YAS Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTERS
Non-isolated DDR/QDR Memory Bus Termination Module
1
NEW Product
File Name: PTHxx050Y.pdf Rev (02): 19 Dec 2005
2 YEAR WARRANTY
All specifications are typical at nominal input, VREF = 1.25 V, full load at 25 °C
unless otherwise stated. Cin, Co1 and Co2 = typical value
SPECIFICATIONS
The PTHxx050Y are a new series of non-isolated dc-dc converters designed
specifically for bus termination in DDR and QDR memory applications. Operating from
either a 3.3 Vdc, 5 Vdc or 12 Vdc input, the modules generate a VTT output that will
source or sink up to 6 A of current to accurately track their VREF input. VTT is the
required bus termination supply voltage, and VREF is the reference voltage for the
memory and chipset bus receiver comparators. VREF is usually set to half the VDDQ
power supply voltage. The PTHxx050Y series employs an actively switched
synchronous rectifier output to provide state of the art stepdown switching conversion.
The products are small in size and are an ideal choice where space, performance and
high efficiency are desired.
• VTT bus termination output (output tracks the system VREF)
• 6 A output current (8 A Peak)
• 3.3 Vdc, 5 Vdc or 12 Vdc input voltage
• DDR and QDR compatible
• ON/OFF inhibit (for VTT standby)
• Under-voltage lockout
• Operating temperature range: -40 ºC to +85 ºC
• Efficiencies up to 88%
• Output overcurrent protection (non-latching, auto-reset)
• Point-of-Load-Alliance (POLA) compatible
• Available RoHS compliant
PTHxx050Y
3.3/5/12 Vin Single Output
OUTPUT SPECIFICATIONS
Output current
All models
(over ∆VREF range)
Continuous (See Note 1)
±6 A
Repetitive pulse (See Note 2)
±8 A
Tracking range for VREF
0.55-1.8 V
Tracking tolerance to VREF (VTT - VREF)
-10 mV to +10mV
(over line, load
and temperature)
Ripple and noise
20 MHz bandwidth
20 mV pk-pk
Load transient response
80 µs settling time
(See Note 5)
Overshoot/undershoot 25 mV typ.
Output capacitance:
Non-ceramic values
PTH03050Y 470 µF typ., 3,300 µF max.
(See Notes 5 and 6)
PTH05050Y 470 µF typ., 3,300 µF max.
PTH12050Y 940 µF typ., 3,300 µF max.
Ceramic values
PTH03050Y
200 µF typ., 300 µF max.
(See Note 5)
PTH05050Y
200 µF typ., 300 µF max.
PTH12050Y
400 µF typ., 600 µF max.
(See Note 7)
ESR (non-ceramic)
4 m
Ω min
INPUT SPECIFICATIONS
Input current
No load
10 mA
Input voltage range
PTH03050Y
2.95-3.65 Vdc
PTH05050Y
4.5-5.5 Vdc
PTH12050Y
10.8-13.2 Vdc
Undervoltage lockout:
PTH03050Y
Vin increasing
2.45 V typ., 2.80 V max.
Vin decreasing
2.20 V min., 2.40 V typ.
PTH05050Y
Vin increasing
4.30 V typ., 4.45 V max.
Vin decreasing
3.40 V min., 3.70 V typ.
PTH12050Y
Vin increasing
9.5 V typ., 10.4 V max.
Vin decreasing
8.80 V min., 9.0 V typ.
INPUT SPECIFICATIONS CONTD.
Input capacitance
PTH03050Y and PTH05050Y
470 µF
(See Note 4)
PTH12050Y
560 µF
Remote ON/OFF
Active high
GENERAL SPECIFICATIONS
Efficiency
PTH03050Y
88% typ.
Io = 4 A
PTH05050Y
87% typ.
PTH12050Y
84% typ.
Insulation voltage
Non-isolated
Switching frequency
PTH03050Y
550- 650 kHz
PTH05050Y
550-650 kHz
PTH12050Y
200-300 kHz
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(L x W x H)
22.10 x 12.57 x 8.50 mm
0.870 x 0.495 x 0.335 in
Weight
2.9 g (0.10 oz)
MTBF
Telcordia SR-332
6,000,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Note 2)
temperature
Non-operating
-40 ºC to +125 ºC
MSL (‘Z’ suffix only)
JEDEC J-STD-020C Level 3
PROTECTION
Overcurrent threshold
All models
12 A typ.
(auto reset)


Similar Part No. - PTH03050YAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03050YAS TI2-PTH03050YAS Datasheet
1Mb / 19P
6-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
REVISED OCTOBER 2005
PTH03050YAS.B TI2-PTH03050YAS.B Datasheet
1Mb / 19P
6-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
REVISED OCTOBER 2005
PTH03050YAST TI2-PTH03050YAST Datasheet
1Mb / 19P
6-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
REVISED OCTOBER 2005
PTH03050YAST.B TI2-PTH03050YAST.B Datasheet
1Mb / 19P
6-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
REVISED OCTOBER 2005
More results

Similar Description - PTH03050YAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com