Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12060YAS Datasheet(PDF) 2 Page - Emerson Network Power

Part # PTH12060YAS
Description  Non-isolated DDR/QDR Memory Bus Termination Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH12060YAS Datasheet(HTML) 2 Page - Emerson Network Power

  PTH12060YAS Datasheet HTML 1Page - Emerson Network Power PTH12060YAS Datasheet HTML 2Page - Emerson Network Power PTH12060YAS Datasheet HTML 3Page - Emerson Network Power PTH12060YAS Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
File Name: pthxx060y.pdf Rev (02): 19 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
Non-isolated DDR/QDR Memory Bus Termination Module
2
NEW Product
N
No
otte
es
s
1
Rating is conditional on the module being soldered to a 4 layer PCB with
1 oz. copper. See the SOA curves or contact the factory for appropriate
derating.
2
This control pin has an internal pull-up to the input voltage Vin. If it is left
open-circuit the module will operate when input power is applied. A small
low-leakage (<100 nA) MOSFET is recommended for control. For further
information, consult Application Note 179.
3
An input capacitor is required for proper operation. The capacitor must
be rated for a minimum of 500 mA rms (1000 mA for 12 V input) of ripple
current. For further information, consult Application Note 179 on
capacitor selection.
4
The typical value of external output capacitance value ensures that VTT
meets the specified transient performance requirements for the memory
bus terminations. Lower values of capacitance may be possible when the
measured peak change in output current is consistently less than 3 A.
Test conditions were 15 A/µs load step, -1.5 A to +1.5 A.
PTHxx060Y
3.3/5/12 Vin Single Output
OUTPUT
INPUT
VTT
OUTPUT
OUTPUT
EFFICIENCY
MODEL
POWER
VOLTAGE
RANGE
CURRENT
CURRENT
(TYP.)
NUMBER
(8,9)
(MAX.)
(MIN.)
(MAX.)
18 W
2.95-3.65 Vdc
0.55-1.8 Vdc
0 A
±10 A
86%
PTH03060Y
18 W
4.50-5.50 Vdc
0.55-1.8 Vdc
0 A
±10 A
86%
PTH05060Y
18 W
10.8-13.2 Vdc
0.55-1.8 Vdc
0 A
±10 A
83%
PTH12060Y
5
This is the calculated maximum. The minimum ESR limitation will often
result in a lower value. Consult Application Note 179 for further details.
6
This is the typcial ESR for all the electrolytic (non-ceramic) output
capacitance. Use 7 m
Ω as the minimum when using max-ESR values to
calculate.
7
Tape and reel packaging only available on the surface-mount versions.
8
To order Pb-free (RoHS compatible) surface-mount parts replace the
mounting option ‘S’ with ‘Z’, e.g. PTHxx060YAZ. To order Pb-free (RoHS
compatible) through-hole parts replace the mounting option ‘H’ with ‘D’,
e.g. PTHxx060YAD.
9
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
PTH05060Y AST
Part Number System with Options
Product Family
Point of Load Alliance
Compatible
Mounting Option (8)
D = Horizontal Through-Hole (Matte Sn)
H = Horizontal Through-Hole (Sn/Pb)
S = Surface-Mount (63/37 Sn/Pb
pin solder material)
Z = Surface-Mount (96.5/3.0/0.5 Sn/Ag/Cu
pin solder material)
Output Current
06 = 10 A
Packaging Options
No Suffix = Trays
T = Tape and Reel (7)
Input Voltage
03 = 3.3 V, 05 = 5 V
and 12 = 12 V
Mechanical Package
Always 0
Pin Option
A = Through-Hole Std. Pin Length (0.140”)
A = Surface-Mount Tin/Lead Solder Ball
Output Voltage Code
Y = DDR Module
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950
File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 06 38572 044
CB Report and Certificate to IEC60950, Certificate No. US/8292/UL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com