Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQN25A48S12S-RJ Datasheet(PDF) 2 Page - Emerson Network Power

Part # TQN25A48S12S-RJ
Description  Quarter-brick narrow input IBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

TQN25A48S12S-RJ Datasheet(HTML) 2 Page - Emerson Network Power

  TQN25A48S12S-RJ Datasheet HTML 1Page - Emerson Network Power TQN25A48S12S-RJ Datasheet HTML 2Page - Emerson Network Power TQN25A48S12S-RJ Datasheet HTML 3Page - Emerson Network Power TQN25A48S12S-RJ Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.04.02.08
Quarter-brick narrow input IBC
2 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25 °C ambient unless otherwise stated.
Specifications
OUTPUT SPECIFICATIONS
Output voltage
12 V
Current share accuracy
Full load
10%
Line regulation
Low line to high line
±10% max.
Load regulation
Full load to min. load
6% max.
Minimum load
0 A
Overshoot
3.0% max.
Undershoot
200 mV max.
Ripple and noise
5-20 MHz
150 mV pk-pk
(See Note 1)
Transient response
Deviation
<100 mV
(See Note 2)
<100 μs recovery to
within total error band
Overvoltage setpoint
13.8 V
INPUT SPECIFICATIONS
Input voltage range
Nominal 48 Vdc
±10% Vdc
Input current
No load
100 mA typ.
Remote OFF
2 mA typ.
Input reflected ripple
(See Note 3)
34 mA rms
100 mA pk-pk
Remote ON/OFF
ON
>1.7 Vdc
OFF
<0.8 Vdc
Under-voltage lockout
Power up
41.0 V
Power down
38.6 V
Start-up time
Power up
<50 ms
(See Note 4)
Power down
<20 ms
EMC CHARACTERISTICS
Conducted emissions
EN55022 (See Note 5)
Level A
EN55022 (See Note 5)
Level B
Immunity:
ESD air
EN61000-4-2 4 kV
ESD contact
EN61000-4-2 4 kV
Radiated field enclosure
EN61000-4-3 3 V/m
Conducted (dc power)
EN61000-4-6 3 V
Conducted (signal)
EN61000-4-6 3 V
GENERAL SPECIFICATIONS
Efficiency
Half load
Up to 96% typ.
Isolation
Input/output
2250 Vdc
Switching frequency
Fixed
300 kHz typ.
Approvals and
EN60950 (TÜV Product Service)
standards (See Note 6)
UL/cUL60950
Material flammability
UL94V-0
Weight
56.66 g (2 oz)
MTBF
MIL-HDBK-217F
1,000,000 hours
Representative model:
25 A @ 48 Vin, 40 °C ambient
100% load ground benign
Telcordia SR-332
2,828,160 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 °C to +80 °C
(300 LFM airflow)
temperature
Non-operating
-55 °C to +125 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com