Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8022MPV Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8022MPV
Description  1A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8022MPV Datasheet(HTML) 2 Page - Linear Technology

  LTM8022MPV Datasheet HTML 1Page - Linear Technology LTM8022MPV Datasheet HTML 2Page - Linear Technology LTM8022MPV Datasheet HTML 3Page - Linear Technology LTM8022MPV Datasheet HTML 4Page - Linear Technology LTM8022MPV Datasheet HTML 5Page - Linear Technology LTM8022MPV Datasheet HTML 6Page - Linear Technology LTM8022MPV Datasheet HTML 7Page - Linear Technology LTM8022MPV Datasheet HTML 8Page - Linear Technology LTM8022MPV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM8022
2
8022fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, RUN/SS Voltage.................................................40V
ADJ, RT, SHARE, Voltage.............................................5V
VOUT, AUX.................................................................10V
SYNC, PG..................................................................30V
BIAS..........................................................................16V
VIN + BIAS.................................................................56V
Internal Operating Temperature.............. –40°C to 125°C
Solder Temperature............................................... 250°C
Storage Temperature.............................. –55°C to 125°C
(Note 1)
GND (BANK 3)
VOUT
(BANK 2)
AUX
VIN
(BANK 1)
RT
H
B
AD
LGA Package
50-Lead (11.25mm
9mm
2.82mm)
C
6
7
5
1
2
3
4
EF
G
ADJ
BIAS
RUN/SS
SHARE
PG
SYNC
TJMAX = 125°C, θJA = 24°C/W
θJA DERIVED FROM 6.6cm × 5cm 4-LAYER PCB, WEIGHT = 0.93g
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE (Note 2)
LTM8022EV#PBF
LTM8022V
50-Pin (11.25mm
× 9mm × 2.82mm) LGA
–40°C to 85°C
LTM8022IV#PBF
LTM8022V
50-Pin (11.25mm
× 9mm × 2.82mm) LGA
–40°C to 85°C
LTM8022MPV#PBF
LTM8022MPV
50-Pin (11.25mm
× 9mm × 2.82mm) LGA
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://linear.com/packaging/
(See Table 3, Pin Assignment)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com