Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8023V Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8023V
Description  2A, 36V DC/DC 關Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8023V Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8023V Datasheet HTML 7Page - Linear Technology LTM8023V Datasheet HTML 8Page - Linear Technology LTM8023V Datasheet HTML 9Page - Linear Technology LTM8023V Datasheet HTML 10Page - Linear Technology LTM8023V Datasheet HTML 11Page - Linear Technology LTM8023V Datasheet HTML 12Page - Linear Technology LTM8023V Datasheet HTML 13Page - Linear Technology LTM8023V Datasheet HTML 14Page - Linear Technology LTM8023V Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM8023
11
8023fb
APPLICATIONS INFORMATION
that paralleled modules start up together, the RUN/SS pins
may be tied together, as well. If the RUN/SS pins are not
tied together, make sure that the same valued soft-start
capacitors are used for each module. An example of two
LTM8023 modules configured for load sharing is given in
the Typical Applications section.
Burst Mode Operation
To enhance efficiency at light loads, the LTM8023 auto-
matically switches to Burst Mode operation which keeps
the output capacitor charged to the proper voltage while
minimizing the input quiescent current. During Burst Mode
operation, the LTM8023 delivers single cycle bursts of
current to the output capacitor followed by sleep periods
where the output power is delivered to the load by the output
capacitor. In addition, VIN and BIAS quiescent currents are
reduced to typically 20μA and 50μA respectively during
the sleep time. As the load current decreases towards a no
load condition, the percentage of time that the LTM8023
operates in sleep mode increases and the average input
current is greatly reduced, resulting in higher efficiency.
Burst Mode operation is enabled by tying SYNC to GND. To
disable Burst Mode operation, tie SYNC to a stable voltage
above 0.7V.
Do not leave the SYNC pin floating.
Minimum Input Voltage
The LTM8023 is a step-down converter, so a minimum
amount of headroom is required to keep the output in
regulation. In addition, the input voltage required to turn
on is higher than that required to run, and depends upon
whether the RUN/SS is used. As shown in Figure 2, it
takes only about 3.5VIN for the LTM8023 to run a 3.3V
output at light load. If RUN/SS is pulled up to VIN, it takes
5.5VIN to start. If the LTM8023 is enabled via the RUN/SS
pin, the minimum voltage to start at light loads is lower,
about 4.5V. A similar curve for 5VOUT operation is also
provided in Figure 2.
Soft-Start
The RUN/SS pin can be used to soft-start the LTM8023,
reducing the maximum input current during start-up.
The RUN/SS pin is driven through an external RC filter
to create a voltage ramp at this pin. Figure 3 shows the
start-up and shutdown waveforms with the soft-start
circuit. By choosing an appropriate RC time constant,
Figure 2. The LTM8023 Needs More Voltage to Start Than to Run
Figure 3. To Soft-Start the LTM8023, Add a
Resistor and Capacitor to the RUN/SS Pin
LOAD CURRENT (mA)
8023 F02
LOAD CURRENT (mA)
0
4.0
4.5
5.0
2000
3.5
3.0
500
1000
1500
0
2000
500
1000
1500
6.0
5.5
TO START
RUN/SS ENABLED
TO RUN
TO START
RUN/SS ENABLED
TO RUN
VOUT = 3.3V
TA = 25°C
f = 650kHz
6.5
7.0
6.0
5.0
5.5
7.5
VOUT = 5V
TA = 25°C
f = 650kHz
8023 F03
IL
1A/DIV
VRUN/SS
2V/DIV
VOUT
2V/DIV
RUN/SS
GND
0.22μF
RUN
15k
2ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com