Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFF50024S285TY Datasheet(PDF) 2 Page - Emerson Network Power

Part # RFF50024S285TY
Description  DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

RFF50024S285TY Datasheet(HTML) 2 Page - Emerson Network Power

  RFF50024S285TY Datasheet HTML 1Page - Emerson Network Power RFF50024S285TY Datasheet HTML 2Page - Emerson Network Power RFF50024S285TY Datasheet HTML 3Page - Emerson Network Power RFF50024S285TY Datasheet HTML 4Page - Emerson Network Power RFF50024S285TY Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
File Name: rff500_600_700.pdf Rev: 17 Feb 2006
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
500 W, 600 W and 700 W Full-Brick
2
NEW Product
RFF600-24S28-5TY
Part Number System with Options
Output Voltage
28 = 16.8 Vdc to 29.4 Vdc
Height Option
5 = 0.50 in (12.70 mm)
Threaded Inserts
T = Threaded Inserts
Blank = Clearance Inserts
RFF500/600/700 Series
24 Vin and 48 Vin single output
Product Family
RFF = Full-Brick
N
No
otte
es
s
1
External input fusing required. Use a fast acting fuse: 80 A (24 V model),
40 A (48 V model).
2
Iout = Iout (max) Measured with the input capacitor, Cbypass = 330 µF,
and 6 µH inductor in series with the power source. Frequencies
>100 kHz.
3
Minimum effective ESR is 1 m
Ω. Minimum phase margin is 35º.
4
Measured per ETSI 300 132-2 Section 4.7.2.
5
From 10% to 90% of Vout (nom). Full resistive load. 1 µF ceramic and
330 µF electrolytic capacitors across the output.
6
The ’Y’ suffix indicates that these parts are TSE RoHS 5/6 (non-Pb-free)
compliant.
7
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
PROTECTION
Short-circuit
RFF500
21 A
(Brickwall current
RFF600
25.2 A
limiting)
RFF700
29.4 A
Overvoltage
Output shutdown
33.2 V
Overtemperature
Midpoint of baseplate
110 ºC
shutdown
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(6,7)
(MAX.)
(MIN.)
(MAX.)
500 W
18-36 Vdc
16.8-29.4 Vdc
0 A
17.9 A
90 %
±0.54 %
±0.2 %
RFF500-24S28Y
500 W
36-75 Vdc
16.8-29.4 Vdc
0 A
17.9 A
91 %
±0.54 %
±0.2 %
RFF500-48S28Y
600 W
18-36 Vdc
16.8-29.4 Vdc
0 A
21.4 A
90 %
±0.54 %
±0.2 %
RFF600-24S28Y
600 W
36-75 Vdc
16.8-29.4 Vdc
0 A
21.4 A
91 %
±0.54 %
±0.2 %
RFF600-48S28Y
700 W
36-75 Vdc
16.8-29.4 Vdc
0 A
25 A
91 %
±0.54 %
±0.2 %
RFF700-48S28Y
RoHS Compliance (6)
Y = Non Pb-free (RoHS 5/6 compliant)
Number of Outputs
S = Single
Input Voltage
24 = 18 Vdc to 36 Vdc
48 = 36 Vdc to 75 Vdc
Rated Output Power
500 = 500 W
600 = 600 W
700 = 700 W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com