Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFF50048S285TY Datasheet(PDF) 3 Page - Emerson Network Power

Part # RFF50048S285TY
Description  DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

RFF50048S285TY Datasheet(HTML) 3 Page - Emerson Network Power

  RFF50048S285TY Datasheet HTML 1Page - Emerson Network Power RFF50048S285TY Datasheet HTML 2Page - Emerson Network Power RFF50048S285TY Datasheet HTML 3Page - Emerson Network Power RFF50048S285TY Datasheet HTML 4Page - Emerson Network Power RFF50048S285TY Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
500 W, 600 W and 700 W Full-Brick
3
NEW Product
File Name: rff500_600_700.pdf Rev: 17 Feb 2006
+ON/OFF
-ON/OFF
+Vin
Vin
330
µF
-Vin
+Vo
+Vo
+Vo
50 V
330
µF
100 nF
50 V
-Vo
-Vo
-Vo
-
+
L
O
A
D
Figure 1 - Standard Application
TEMPERATURE (ºC) BASEPLATE
0
4
8
12
16
20
-40
-20
0
20
40
60
80
100
Figure 2 - RFF500 Derating Curve
RFF500/600/700 Series
24 Vin and 48 Vin single output
TEMPERATURE (ºC) BASEPLATE
0
5
10
15
20
25
-40
-20
0
20
40
60
80
100
Figure 3 - RFF600 Derating Curve
TEMPERATURE (ºC) BASEPLATE
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
Figure 4 - RFF700 Derating Curve
Figure 5 - Typical Turn-on Delay and Risetime RFF600-24S28Y
Channel 1: Input Voltage, Channel 2: Output Voltage
Figure 6 - Typical Turn-on Delay and Risetime RFF700-48S28Y
Channel 1: Input Voltage, Channel 2: Output Voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com