Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9001 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM9001
Description  16-Bit IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM9001 Datasheet HTML 17Page - Linear Technology LTM9001 Datasheet HTML 18Page - Linear Technology LTM9001 Datasheet HTML 19Page - Linear Technology LTM9001 Datasheet HTML 20Page - Linear Technology LTM9001 Datasheet HTML 21Page - Linear Technology LTM9001 Datasheet HTML 22Page - Linear Technology LTM9001 Datasheet HTML 23Page - Linear Technology LTM9001 Datasheet HTML 24Page - Linear Technology LTM9001 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM9001
21
9001fa
APPLICATIONS INFORMATION
An optional clock duty cycle stabilizer can be used if the
input clock does not have a 50% duty cycle. This circuit
uses the rising edge of ENC to sample the analog input.
The falling edge of ENC is ignored and an internal falling
edge is generated by a phase-locked loop. The input clock
duty cycle can vary from 30% to 70% and the clock duty
cycle stabilizer will maintain a constant 50% internal duty
cycle. If the clock is turned off for a long period of time,
the duty cycle stabilizer circuit will require one hundred
clock cycles for the PLL to lock onto the input clock. To
use the clock duty cycle stabilizer, the MODE pin must be
connected to 1/3VDD or 2/3VDD using external resistors.
The lower limit of the sample rate is determined by the
droop of the sample and hold circuits. The pipelined ar-
chitecture of this ADC relies on storing analog signals on
small valued capacitors. Junction leakage will discharge
the capacitors. The specified minimum operating frequency
for the LTM9001 is 1Msps.
DIGITAL OUTPUTS
Digital Output Modes
The LTM9001 can operate in four digital output modes:
standard LVDS, low power LVDS, full rate CMOS, and
demultiplexed CMOS. The LVDS pin selects the mode of
operation. This pin has a four level logic input, centered at
0, 1/3VDD, 2/3VDD and VDD. An external resistive divider
can be used to set the 1/3VDD and 2/3VDD logic levels.
Table 4 shows the logic states for the LVDS pin.
Table 4. LVDS Pin Function
LVDS
DIGITAL OUTPUT MODE
0V(GND)
Full-Rate CMOS
1/3VDD
Demultiplexed CMOS
2/3VDD
Low Power LVDS
VDD
LVDS
Digital Output Buffers (CMOS Modes)
Figure 10 shows an equivalent circuit for a single output
buffer in CMOS Mode, Full-Rate or Demultiplexed. Each
buffer is powered by OVDD and OGND, isolated from the
ADC power and ground. The additional N-channel transistor
in the output driver allows operation down to low voltages.
The internal resistor in series with the output makes the
output appear as 50Ω to external circuitry and eliminates
the need for external damping resistors.
9001F8
ENC–
1.6V
VTHRESHOLD = 1.6V
ENC+
0.1μF
LTM9001
Figure 8. Single-Ended ENC Drive,
Not Recommended for Low Jitter
Figure 9. ENC Drive Using a CMOS to PECL Translator
9001 F09
ENC–
ENC+
3.3V
3.3V
165Ω
165Ω
261Ω
261Ω
D0
Q0
Q0
MC100LVELT22
LTM9001
100Ω
9001 F10
OVDD
VDD
VDD
TYPICAL
DATA
OUTPUT
OGND
43Ω
OVDD
0.5V
TO 3.6V
PREDRIVER
LOGIC
DATA
FROM
LATCH
LTM9001
Figure 10. Equivalent Circuit for a Digital Output Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com