Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH4420 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLRH4420
Description  Resistor LED for 12 V Supply Voltage
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRH4420 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLRH4420 Datasheet HTML 1Page - Vishay Siliconix TLRH4420 Datasheet HTML 2Page - Vishay Siliconix TLRH4420 Datasheet HTML 3Page - Vishay Siliconix TLRH4420 Datasheet HTML 4Page - Vishay Siliconix TLRH4420 Datasheet HTML 5Page - Vishay Siliconix TLRH4420 Datasheet HTML 6Page - Vishay Siliconix TLRH4420 Datasheet HTML 7Page - Vishay Siliconix TLRH4420 Datasheet HTML 8Page - Vishay Siliconix TLRH4420 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLR.442.
Vishay Telefunken
1 (9)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83045
Resistor LED for 12 V Supply Voltage
Color
Type
Technology
Angle of Half Intensity
±ö
High efficiency red
TLRH4420
GaAsP on GaP
30
°
Soft orange
TLRO4420
GaAsP on GaP
30
°
Yellow
TLRY4420
GaAsP on GaP
30
°
Green
TLRG4420
GaP on GaP
30
°
Description
These devices are developed for the automotive
industry with special requirements as for EMC (electro
magnetic compatibility) in motor vehicles with 12 V
supply voltage.
They are resistant against transient conduction (high
voltage spikes) and interferences by conduction and
coupling.
The TLR.442. series contains an integrated resistor for
current limiting in series with the LED chip. This allows
the lamp to be driven from a 12 V source without an
external current limiter.
Available colors are red, soft orange, yellow and
green. These tinted diffused lamps provide a wide
off-axis viewing angle.
These
LEDs
are
intended
for
space
critical
applications such as automobile instrument panels,
switches and others which are driven from a 12 V
source.
Features
D With current limiting resistor for 12 V
D EMC specified (DIN 40 839)
D Resistant against transient high voltage spikes
D Cost effective: save space and resistor cost
D Standard ø 3 mm (T-1) package
D Wide viewing angle
D Choice of four bright colors
D Luminous intensity categorized
D Yellow and green color categorized
94 8488
Applications
Status light in cars
OFF / ON indicator in cars
Background illumination for switches
Off / On indicator in switches


Similar Part No. - TLRH4420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRH4420CU VISHAY-TLRH4420CU Datasheet
1Mb / 8P
Resistor LED for 12 V Supply Voltage
24-Apr-13
More results

Similar Description - TLRH4420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLRE4200 VISHAY-TLRE4200 Datasheet
70Kb / 5P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRH4400 VISHAY-TLRH4400 Datasheet
105Kb / 10P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRP4900 VISHAY-TLRP4900 Datasheet
71Kb / 5P
Resistor LED for 12 V Supply Voltage
04-Feb-99
TLRE4406 VISHAY-TLRE4406 Datasheet
135Kb / 5P
Resistor LED for 12 V Supply Voltage
21-Jun-04
TLRH4450 VISHAY-TLRH4450 Datasheet
70Kb / 7P
Resistor LED for 5 V Supply Voltage
04-Feb-99
TLRG4420CU VISHAY-TLRG4420CU Datasheet
1Mb / 8P
Resistor LED for 12 V Supply Voltage
24-Apr-13
TLRH440.CU VISHAY-TLRH440.CU Datasheet
129Kb / 9P
With current limiting resistor for 12 V
24-Apr-13
TLRP4900CU VISHAY-TLRP4900CU Datasheet
675Kb / 6P
With current limiting resistor for 12 V
24-Apr-13
TLRE4200 VISHAY-TLRE4200_V01 Datasheet
522Kb / 5P
Resistor LED for 12 V Supply Voltage
24-Apr-13
TLRE4406 VISHAY-TLRE4406_V01 Datasheet
111Kb / 5P
Resistor LED for 12 V Supply Voltage
24-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com