Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAS Datasheet(PDF) 2 Page - celduc-relais

Part # SAS
Description  SHORT CIRCUIT RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SAS Datasheet(HTML) 2 Page - celduc-relais

  SAS Datasheet HTML 1Page - celduc-relais SAS Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S/DIV/SASxxxxx/A/14/03/2000
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 2 / 2 F/GB
SAS20021 : 2 FILS /2 WIRES
40,4
24
19,86
35
Ø3,2
LONGUEURS FILS 230MM
DENUDAGE 3MM
40,4
34
35
Ø3,2
20
29
Ø 4
19,86
24
LONGUEURS FILS 230MM
DENUDAGE 3MM
40,4
24
19,86
35
Ø3,2
LONGUEURS FILS 230MM
2 COSSES MALES 6,3MM
EN EXTREMITE
40,4
34
35
Ø3,2
20
29
Ø4
24
19,86
wires
lenght
=110mm
SAS20011 : 2 FILS /2 WIRES
SAS20121 : 2 FILS /2 WIRES + COSSES
SAS00100 : 4 FILS /4 WIRES
each wire is double
/chaque fil est doublé



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com