Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL15F Datasheet(PDF) 4 Page - Emerson Network Power

Part # SIL15F
Description  DC-DC CONVERTERS Typhoon Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL15F Datasheet(HTML) 4 Page - Emerson Network Power

  SIL15F Datasheet HTML 1Page - Emerson Network Power SIL15F Datasheet HTML 2Page - Emerson Network Power SIL15F Datasheet HTML 3Page - Emerson Network Power SIL15F Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
File Name: silL15f_12.pdf Rev (01): 16 Dec 2005
Please consult our website for the following items:
 Application Note
www.artesyn.com
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
Typhoon Non-isolated
4
NEW Product
Figure 5 - Mechanical Drawing and Pinout Table
SIL15F Series
12 Vin single output
All dimensions in inches (mm)
All tolerance
±0.010in (±0.25mm)
unless otherwise stated
0.025(0.64) x 0.025(0.64)
Connector 14 places
12345
6 7 8
10 11
FRONT VIEW
0.335 (8.50) MAX.
BACK VIEW
2.000
(50.80)
PIN CONNECTIONS
PIN NO.
FUNCTION
1
+Vout
2
+Vout
3
Remote Sense+
4
+Vout
5
Ground
6
Ground
7+Vin
8+Vin
10
Trim
11
Remote ON/OFF
Preliminary Data - subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com