Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL15 Datasheet(PDF) 2 Page - Emerson Network Power

Part # SIL15
Description  DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL15 Datasheet(HTML) 2 Page - Emerson Network Power

  SIL15 Datasheet HTML 1Page - Emerson Network Power SIL15 Datasheet HTML 2Page - Emerson Network Power SIL15 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL15 Series
Single output
DC/DC CONVERTERS
15A Non-Isolated DC/DC Converters
2
NEW Product
Notes
1
Measured as per recommended set-up. Cin = 270µF (20mΩ esr max,
Cout = 680µF (10mΩ esr max).
2
di/dt =
10A/µs, Vin = Nom, Tc = 25°C, load change = 0.50 lo max. to
0.75 lo max. and 0.75 lo max. to 0.50 lo max.
3
External input fusing is recommended.
4
Measured with external filter. See Application Note 131 for details.
5
Uses external resistor from trim pin to output ground. Min value = 485Ω
for 5V model, 280Ω for 12V model. See Application Note 131 for details.
6
Signal line assumed <3m in length
7
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
8
The standard unit with the suffix '-V' is for vertical mounting. To order a
unit with horizontal mounting, please add the suffix '-H' to the model
number, e.g. SIL15-05SADJ-H.
9
Power-up is the time from application of DC input to Power Good
enabled. Remote ON/OFF is from ON/OFF asserted high to power good
enabled.
10 See Application Note 131 for operation above 50ºC.
11 See Application Note 131 for ripple current requirements.
12 These models have a wide trim output. 5Vin has an output of 0.9V to
3.3V and 12 Vin has an output of 0.9V to 5V. An external resistor adjusts
the output voltage.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(12)
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(8)
(MAX.)
(MIN.)
(MAX.)
50W
4.5 - 5.5VDC
N/A
0.9V - 3.3V
0A
15A
89%
±0.2%
±0.5%
SIL15-05SADJ-V
75W
10.2 - 13.8VDC
N/A
0.9V - 5.0V
0A
15A
91%
±0.2%
±0.5%
SIL15-12SADJ-V
Ripple and Noise Specification
Output
Model
Voltage
Pk - Pk
RMS
5V input models
0.9 to 2.5V
30mV
15mV
3.3V
40mV
15mV
12V input models
0.9 to 2.5V
50mV
20mV
3.3V to 5V
50mV
20mV
CAUTION: High internal temperatures. Ensure that unit is not user
accessible.
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1Vout
2Vout
3Vout
4Trim
5
Remote ON/OFF
6
Power Good
7Ground
8Ground
9
Reserved
10
Vin
11
Vin
12
Mechanical support
(horizontal version only)
13
Mechanical support
(horizontal version only)
PROTECTION
Short-circuit protection
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 11)
270µF/20mΩ esr max.
Output capacitance
(See Note 11)
680µF/10mΩ esr max.
File Name: SIL15.PDF Rev: 31 Jan 2003



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com