Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD4100 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOD4100
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD4100 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOD4100 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD4100 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD4100 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD4100 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD4100 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD4100 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOD4100
Symbol
Min
Typ
Max
Units
BVDSS
25
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
2
3.2
4
V
ID(ON)
120
A
5.4
6.5
TJ=125°C
7.5
9
7.3
9
9.8
12
gFS
43
S
VSD
0.72
1
V
IS
50
A
Ciss
1100
1350
pF
Coss
420
pF
Crss
200
pF
Rg
0.8
1.5
Ω
Qg(12V)
20
24
nC
Qg(10V)
17
Qgs
6.5
nC
Qgd
6.8
nC
tD(on)
9.5
ns
tr
13.5
ns
tD(off)
11.5
ns
tf
5.4
ns
trr
32
ns
Qrr
19
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
RDS(ON)
Static Drain-Source On-Resistance
m
Ω
VGS=20V, ID=20A
VGS=12V, ID=20A
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=20A, dI/dt=100A/µs
VGS=10V, ID=20A
Reverse Transfer Capacitance
IF=20A, dI/dt=100A/µs
Forward Transconductance
Diode Forward Voltage
Maximum Body-Diode Continuous Current
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=12V, VDS=5V
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=250µA
VDS=20V, VGS=0V
VDS=0V, VGS= ±30V
Zero Gate Voltage Drain Current
Gate-Body leakage current
IS=1A,VGS=0V
VDS=5V, ID=20A
VGS=10V, VDS=12.5V, RL=0.68Ω,
RGEN=0.6Ω
Turn-Off Fall Time
Turn-On DelayTime
DYNAMIC PARAMETERS
Input Capacitance
Total Gate Charge
Output Capacitance
Turn-On Rise Time
Turn-Off DelayTime
Gate Drain Charge
VGS=0V, VDS=12.5V, f=1MHz
SWITCHING PARAMETERS
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=10V, VDS=12.5V, ID=20A
A. The value of R θJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with T A =25°C. The
Power dissipation PDSM is based on t<10s R θJA and the maximum allowed junction temperature of 150°C. The value in any given application
depends on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation PD is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C: Repetitive rating, pulse width limited by junction temperature T J(MAX)=175°C.
D. The R θJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300 us pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is limited by bond-wires.
H. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T A=25°C.
*This device is guaranteed green after data code 8X11 (Sep 1
ST 2008).
Re1: Oct 2008
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com