Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP150 Datasheet(PDF) 4 Page - Emerson Network Power

Part # TLP150
Description  150 W on main channel with only 200 LFM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

TLP150 Datasheet(HTML) 4 Page - Emerson Network Power

  TLP150 Datasheet HTML 1Page - Emerson Network Power TLP150 Datasheet HTML 2Page - Emerson Network Power TLP150 Datasheet HTML 3Page - Emerson Network Power TLP150 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Rev.1.08.09_146
TLP150
4 of 4
ConnectorandMatingConnectorTypes
Connector
Type
MatingConnectorType
J1
Molex09-65-2038(5273series)
voidpin2orequivalent
Molex09-52-4034(5239series)orequivalentwith
Molex08-52-0072(2478series)orequivalentcrimpterminals
J2
AMP63849-1orequivalent
(6.35mmstraight)
AMP2-520263-4orequivalent
(straightspadefor22-18AWGwire)
J3
Molex09-65-2068(5273series)
orequivalent
Molex09-52-4064(5239series)orequivalentwith
Molex08-52-0072(2478series)orequivalentcrimpterminals
J4
Molex22-23-2061(6373series)
orequivalent
Molex22-01-3067(2695series)orequivalentwith
Molex08-50-0113(2759series)orequivalentcrimpterminals
J301
(Optional)
Leoco2421P04H000(2421series)
orequivalent
Leoco2420S04000(2420series)orequivalent
withLeoco2453TPH00V1(2453Tseries)orequivalentcrimpterminals
or
JSTEHR-4(EHseries)orequivalentwith
JSTSEH-001T-P0.6(EHseries)orequivalentcrimpterminals
Fan
Molex22-23-2021(6373series)
orequivalent
Molex22-01-3027(2695series)orequivalentwith
Molex08-50-0113(2759series)orequivalentcrimpterminals
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe(UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia(HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
infor�ation or for any errors or o�issions.
EmersonNetworkPowerandtheEmerson
Network Power logo are trademarks and
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
Precision Cooling
Racks&IntegratedCabinets
Services
Surge Protection
EmersonNetworkPower.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower
J3PinConnections
Pin1
RTN
MainReturn
Pin2
RTN
MainReturn
Pin3
RTN
MainReturn
Pin4
Vo
+MainOutput
Pin5
Vo
+MainOutput
Pin 6
Vo
+MainOutput
J4PinConnections
Pin1
-S
-VoRemoteSense
Pin2
DCOK
DCPowerGoodSignal
Pin3
PWOK
PowerGood*
Pin4
LS
LoadShareSignal
Pin5
+S
+VoRemoteSense
Pin 6
SGND
Signal Common
J301PinConnections(Optional)
Pin1
5Vsn
StandbyVoltage
Pin2
SGND
Signal Common
Pin3
Reserved
DoNotConnect
Pin4
PSOFF
RemoteON/OFFSignal
Fan Pin Connections
Pin1
+12V
FanVoltage
Pin2
+SGND
Return
Pin Connections
J1PinConnections
Pin1
Neutral
Pin2
Live
J2TabConnections
Tab
Ground/Earth



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com