Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFR6000 Datasheet(PDF) 3 Page - Emerson Network Power

Part # UFR6000
Description  3 hot pluggable rectifiers per 1U chassis, up to 4 kW redundant or 6 kW available power
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

UFR6000 Datasheet(HTML) 3 Page - Emerson Network Power

  UFR6000 Datasheet HTML 1Page - Emerson Network Power UFR6000 Datasheet HTML 2Page - Emerson Network Power UFR6000 Datasheet HTML 3Page - Emerson Network Power UFR6000 Datasheet HTML 4Page - Emerson Network Power UFR6000 Datasheet HTML 5Page - Emerson Network Power UFR6000 Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev.2.13.09_154
UFE / UFR Series
3 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Current Share
None=Active
D=Droop
Product Family
UFE
UFE=Universal
Front-End
Rated Output
Power
2000
1300=1300Watts
2000=2000Watts
Input Range
9
9=Universal
Input
withPFC
Standard
Compliance
6
6=UL/CSA/VDE
ClassA/B
Type of
Output
S
S=Single
Output
Voltage
48
48=48V
RoHS
Compliance (9)
J
J=Pbfree
(RoHS6/6
compliant)
Communications
Type
C
P=PMBusserial
communications
UFE
2000
9
6
S
48
P
D
J
EnvironmentalSpecifications
Thermalperformance:
(SeeNotes4andderatingcurves)
Operating
Non-operating
Cold Start
-33°Cto+70°C
-40°Cto+100°C
-40°C
Relativehumidity:
non-condensing
Operating
Non-operating
Upto80%
Upto95%
Altitude:
(SeeNote5)
Operating
Non-operating
10,000feetmax.
35,000feetmax.
Vibration:
Operating
Non-operating
1.0Gpeak
1.5Gpeak
Shock:
Operating
Non-operating
10Gpeak/11ms
ms
40Gpeak/11ms
Protection
Power limit:
Vo > Vout min
±Ratedpower+15%/-0%
Current limit:
Constantcurrentlimiting-brickwall
Vo ² Vout min
±limit,±8%
Short-circuit:
Hiccupmodeat
Vo<40Vdc
Vo<20Vdc
200mson/1/8soff
Overvoltage:
Outputshutdown
Latchingafter1retry
60Vmax.
32Vmax.
Thermal:
Selfprotecting
Non-latching
OR-ingfault
(SeeNote7)
TestedviaI2CorPMBus
LEDalarm(byread)incaseofOR-ing
fault
CommunicationMonitoringReadoutAccuracy
Current:
Validfrom15%tomax.load
±15%
Voltage:
MeasuredbeforeoutputOR-ing
±5%
Temperature:
MeasuredInternaloutputOR-ing
±5°C
°C
Hourscounter:
±36s/hoursapprox.
PartNumberSystemwithOptions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com