Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4258 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 9Page - Linear Technology LTC4258 Datasheet HTML 10Page - Linear Technology LTC4258 Datasheet HTML 11Page - Linear Technology LTC4258 Datasheet HTML 12Page - Linear Technology LTC4258 Datasheet HTML 13Page - Linear Technology LTC4258 Datasheet HTML 14Page - Linear Technology LTC4258 Datasheet HTML 15Page - Linear Technology LTC4258 Datasheet HTML 16Page - Linear Technology LTC4258 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC4258
13
4258fb
APPLICATIO S I FOR ATIO
Figure 10. PoE System Diagram
OVERVIEW
Over the years, twisted-pair Ethernet has become the most
commonly used method for local area networking. The
IEEE 802.3 group, the originator of the Ethernet standard,
has defined an extension to the standard, known as
802.3af, which allows DC power to be delivered simulta-
neously over the same cable used for data communica-
tion. This promises a whole new class of Ethernet devices,
including IP telephones, wireless access points, and PDA
charging stations, which do not require additional AC
wiring or external power transformers, a.k.a. “wall warts.”
With about 13W of power available, small data devices can
be powered by their Ethernet connections, free from AC
wall outlets. Sophisticated detection and power monitor-
ing techniques prevent damage to legacy data-only de-
vices, while still supplying power to newer, Ethernet-
powered devices over the twisted-pair cable.
A device that supplies power is called Power Sourcing
Equipment (PSE); a device that draws power from the
wire is called a Powered Device (PD). A PSE is typically an
Ethernet switch, router, hub, or other network switching
equipment that is commonly found in the wiring closets
where cables converge. PDs can take many forms: digital
IP telephones, wireless network access points, PDA or
notebook computer docking stations, cell phone charg-
ers, and HVAC thermostats are examples of devices that
can draw power from the network.
A PSE is required to provide a nominal 48V DC between
either the signal pairs or the spare pairs (but not both) as
shown in Figure 10. The power is applied as a voltage
between two of the pairs, typically by powering the center-
taps of the isolation transformers used to couple the
differential data signals to the wire. Since Ethernet data is
transformer coupled at both ends and is sent differentially,
a voltage difference between the transmit pairs and the
receive pairs does not affect the data. A 10base-T/
100base-TX Ethernet connection only uses 2 of the 4 pairs
in the cable. The unused or spare pairs can be powered
directly, as shown in Figure 10, without affecting the data.
However, 1000base-T uses all 4 pairs and power must
be connected to the transformer center taps for
compatibility.
4258 F10
SMAJ58A
58V
0.1
µF
Tx
Rx
Rx
Tx
SMAJ58A
58V
DATA PAIR
DATA PAIR
VEE
SENSE GATE OUT
VDD
INT
SCL
SDAIN
SDAOUT
CMPD3003
10k
0.1
µF
100V
0.5
Ω
IRFM120A
SPARE PAIR
SPARE PAIR
1/4
LTC4258
DGND BYP
AGND
DETECT
I2C
3.3V
INTERRUPT
–48V
CAT 5
20
Ω MAX
ROUNDTRIP
0.05
µF MAX
RJ45
4
5
4
5
1
2
1
2
3
6
3
6
7
8
7
8
RJ45
1N4002
×4
1N4002
×4
PSE
PD
RCLASS
–48VIN
PWRGD
–48VOUT
LTC4257
GND
DC/DC
CONVERTER
5
µF
MIN
+
–
VOUT
GND
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com