Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261CUFD-2 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4261CUFD-2
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261CUFD-2 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4261CUFD-2 Datasheet HTML 17Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 18Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 19Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 20Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 21Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 22Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 23Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 24Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC4261/LTC4261-2
21
42612fb
Ejector Switch or Loop-Through Connection Sense.
Floating switch contacts or a connection sense loop also
work well with the ON pin, replacing the phototransistor
in Figure 8a. If an insertion debounce delay is desired,
use the EN pin as shown in Figure 8c. Like Figures 8a
and 8b, this circuit works on either side of the backplane
connector.
Short Pin to RTN. Figure 8d uses the UV divider string to
detect board insertion. This method works equally well in
both backplane and board resident applications.
AdvancedTCA Style Control. Figure 2 shows an ATCA
application using EN as the interface to the LTC4261.
Register bit A4 allows the I2C port to monitor the status
of EN and by setting C4 high, bit B4 can generate an alert
to instantly report any changes in the state of EN.
I2C Only Control. To lock out EN and ON, use the con-
figuration shown in Figure 8e and control the GATE pin
with register bit D3. The circuit defaults off at power up.
To default on, connect the ON pin to INTVCC. Either FLTIN
or PGIO can be used as an input to monitor a connection
sense or other control signal. PGIO is configured as an
input by setting register bits D6 and D7 high; its input
state is stored at location B6. FLTIN is always an input
whose state is available from register bit B7. FLTIN gen-
erates an alert if C7 is set high.
Data Converter
The LTC4261/LTC4261-2 incorporates a 10-bit analog-
to-digital converter (ADC) that continuously monitors
three different voltages at (in the sequence of) SENSE,
ADIN2/OV (SSOP/QFN) and ADIN. The voltage between
the SENSE pin and VEE is monitored with a 64mV full
scale and 62.5µV resolution, and the data is stored in
registers E and F. The ADIN and the ADIN2/OV pins are
monitored with a 2.56V full scale and 2.5mV resolution.
The data for the ADIN2/OV pin is stored in registers G
and H. The data for the ADIN pin is stored in registers I
and J.
The results in registers E, F, G, H, I and J are updated at
a frequency of 7.3Hz. Setting CONTROL register bit D5
invokes a test mode that halts updating of these registers
so that they can be written to and read from for software
testing. By invoking the test mode right before reading
the ADC data registers, the 10-bit data separated in two
registers are synchronized.
The ADIN and ADIN2 pins can be used to monitor input
and output voltages of the Hot Swap controller as shown
in Figures 1 and 2.
INTVCC
LTC4261
(8a) Optoisolator Control
5V
ON
47k
1k
EN
–48V
VEE
INTVCC
LTC4261
(8c) Contact Debounce Delay Upon
Insertion for Use with an Ejector
Switch or Loop-Through Style
Connection Sense
EN
100k
LOOP OR
SWITCH
10nF
1M
ON
–48V
VEE
INTVCC
LTC4261
(8b) Logic Control
ON
EN
–48V
VEE
INTVCC
I2C
42612 F08
LTC4261
(8e) I2C-Only Control
ON
EN
SDAO
SDAI
SCL
DEFAULT
ON
DEFAULT
OFF
–48V
VEE
INTVCC
LTC4261
(8d) Short Pin Connection Sense to RTN
ON
EN
UVL
UVH
28.7k
–48V
INPUT
–48V
RTN
VEE
453k
Figure 8. On/Off Control of the LTC4261
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com