Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN66AFD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VN66AFD
Description  N-Channel 60-V (D-S) MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VN66AFD Datasheet(HTML) 2 Page - Vishay Siliconix

  VN66AFD Datasheet HTML 1Page - Vishay Siliconix VN66AFD Datasheet HTML 2Page - Vishay Siliconix VN66AFD Datasheet HTML 3Page - Vishay Siliconix VN66AFD Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TN0601L, VN0606L, VN66AFD
Vishay Siliconix
www.vishay.com
11-2
Document Number: 70201
S-04279—Rev. E, 16-Jul-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
TN0601L
VN0606L
VN66AFD
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 10 mA
70
60
60
60
VDS = VGS, ID = 0.25 mA
1.6
0.5
2
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 1 mA
1.7
0.8
2
0.8
2.5
VDS = 0 V, VGS = "30 V
"100
"100
Gate-Body Leakage
IGSS
TC = 125_C
"500
nA
GSS
VDS = 0 V, VGS = "20 V
"10
VDS = 60 V, VGS = 0 V
10
TJ = 125_C
500
Zero Gate VoltageDrain Current
IDSS
VDS = 48 V, VGS = 0 V
1
1
mA
DSS
TJ = 125_C
100
m
TC = 125_C
10
VDS = 10 V, VGS = 4.5 V
0.5
0.25
On-State Drain Currentb
ID(on)
VDS = 10 V, VGS = 10 V
2.4
1
1.5
1.5
A
VGS = 3.5 V, ID = 0.04 A
4
5
VGS = 4.5 V, ID = 0.25 A
2
3
TJ = 125_C
3.8
6
VGS = 5 V, ID = 0.3 A
2.3
5
W
Drain-Source On-Resistanceb
rDS(on)
VGS = 10 V, ID = 0.5 A
1.2
3
W
TJ = 125_C
2.3
6
VGS = 10 V, ID = 1 A
1.3
1.8
3
TC = 125_C
2.5
6
Forward Transconductanceb
gfs
VDS = 10 V, ID = 0.5 A
350
200
170
170
Common Source Output Conductanceb
gos
VDS = 10 V, ID = 0.1 A
0.3
mS
Dynamic
Input Capacitance
Ciss
35
60
50
50
Output Capacitance
Coss
VDS = 25 V, VGS = 0 V,
f = 1 MHz
25
50
40
40
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
6
10
10
10
Switchingc
Turn-On Time
tON
VDD = 25 V, RL = 23 W
^
8
15
10
15
Turn-Off Time
tOFF
ID ^ 1 A, VGEN = 10 V
RG = 25 W
9
15
10
15
ns
Notes
a.
For DESIGN AID ONLY, not subject to production testing..
VNDQ06
b.
Pulse test: PW
v 300 ms duty cycle v2%.
c.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com