Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4267-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4267-1
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4267-1 Datasheet HTML 1Page - Linear Technology LTC4267-1 Datasheet HTML 2Page - Linear Technology LTC4267-1 Datasheet HTML 3Page - Linear Technology LTC4267-1 Datasheet HTML 4Page - Linear Technology LTC4267-1 Datasheet HTML 5Page - Linear Technology LTC4267-1 Datasheet HTML 6Page - Linear Technology LTC4267-1 Datasheet HTML 7Page - Linear Technology LTC4267-1 Datasheet HTML 8Page - Linear Technology LTC4267-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4267-1
2
42671f
VPORTN with Respect to VPORTP Voltage...0.3V to –100V
POUT, SIGDISA, ⎯P⎯W⎯R⎯G⎯D
Voltage..................... VPORTN + 100V to VPORTN –0.3V
PVCC to PGND Voltage (Note 2)
Low Impedance Source ........................... –0.3V to 8V
Current Fed .......................................... 5mA into PVCC
RCLASS Voltage.................VPORTN + 7V to VPORTN – 0.3V
⎯P⎯W⎯R⎯G⎯D Current.....................................................10mA
RCLASS Current.....................................................100mA
NGATE to PGND Voltage ...........................–0.3V to PVCC
VFB, ITH/RUN to PGND Voltages................–0.3V to 3.5V
SENSE to PGND Voltage .............................. –0.3V to 1V
NGATE Peak Output Current (<10μs) ..........................1A
Operating Ambient Temperature Range
LTC4267C-1............................................. 0°C to 70°C
LTC4267I-1 ..........................................–40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPORTN
Supply Voltage
Voltage with Respect to VPORTP Pin
Maximum Operating Voltage
(Notes 4, 5, 6)
●
–57
V
Signature Range
●
–1.5
–9.5
V
Classification Range
●
–12.5
–21
V
UVLO Turn-On Voltage
●
–34.8
–36.0
–37.2
V
UVLO Turn-Off Voltage
●
–29.3
–30.5
–31.5
V
VTURNON
PVCC Turn-On Voltage
Voltage with Respect to PGND
●
7.8
8.7
9.2
V
VTURNOFF
PVCC Turn-Off Voltage
Voltage with Respect to PGND
●
4.6
5.7
6.8
V
VHYST
PVCC Hysteresis
VTURNON – VTURNOFF
●
1.5
3.0
V
ABSOLUTE
AXI U
RATI GS
ELECTRICAL CHARACTERISTICS
PIN CONFIGURATION
TJMAX = 150°C, θJA = 90°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4267CGN-1#PBF
LTC4267IGN-1#PBF
LTC4267CGN-1#TRPBF
LTC4267IGN-1#TRPBF
4267-1
4267I-1
16-Lead Narrow Plastic SSOP
16-Lead Narrow Plastic SSOP
0°C to 70°C
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4267CGN-1
LTC4267IGN-1
LTC4267CGN-1#TR
LTC4267IGN-1#TR
4267-1
4267I-1
16-Lead Narrow Plastic SSOP
16-Lead Narrow Plastic SSOP
0°C to 70°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com