Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4268-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4268-1
Description  High Power PD with Synchronous NoOpto Flyback Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4268-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4268-1 Datasheet HTML 1Page - Linear Technology LTC4268-1 Datasheet HTML 2Page - Linear Technology LTC4268-1 Datasheet HTML 3Page - Linear Technology LTC4268-1 Datasheet HTML 4Page - Linear Technology LTC4268-1 Datasheet HTML 5Page - Linear Technology LTC4268-1 Datasheet HTML 6Page - Linear Technology LTC4268-1 Datasheet HTML 7Page - Linear Technology LTC4268-1 Datasheet HTML 8Page - Linear Technology LTC4268-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
LTC4268-1
2
42681fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VPORTN Voltage .......................................... 0.3V to –90V
VNEG Voltage ...................VPORTN + 90V to VPORTN –0.3V
VCC to GND Voltage (Note 3)
Low Impedance Source ......................... –0.3V to 18V
Current Fed ..........................................30mA into VCC
RCLASS, ILIM_EN Voltage ...VPORTN + 7V to VPORTN – 0.3V
SHDN Voltage ................VPORTN + 90V to VPORTN – 0.3V
PWRGD Voltage (Note 3)
Low Impedance Source ....VNEG + 11V to VNEG – 0.3V
Current Fed ..........................................................5mA
PWRGD Voltage .............VPORTN + 80V to VPORTN – 0.3V
PWRGD Current.....................................................10mA
RCLASS Current.....................................................100mA
SENSE–, SENSE+ Voltage........................ –0.5V to +0.5V
UVLO, SYNC Voltage...................................–0.3V to VCC
FB Current..............................................................±2mA
VCMP Current .........................................................±1mA
Operating Ambient Temperature Range (Notes 4, 5)
LTC4268-1C ............................................. 0°C to 70°C
LTC4268-1I .......................................... –40°C to 85°C
Junction Temperature (Note 5) ............................. 150°C
Storage Temperature Range................... –65°C to 150°C
(Notes 1, 2)
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VPORTP
NC
PWRGD
PWRGD
VNEG
VNEG
VNEG
NC
PG
PGDLY
RCMP
CCMP
SENSE+
SENSE–
UVLO
VCMP
SHDN
NC
RCLASS
ILIM_EN
VPORTN
VPORTN
VPORTN
NC
SG
VCC
tON
ENDLY
SYNC
SFST
OSC
FB
TOP VIEW
DKD32 PACKAGE
32-LEAD (7mm × 4mm) PLASTIC DFN
TJMAX = 150°C,θJA = 49°C/W, θJC = 4.7°C/W
EXPOSED PAD (PIN 33) MUST BE SOLDERED TO
HEATSINKING PLANE THAT IS ELECTRICALLY CONNECTED TO GND
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4268CDKD-1#PBF
LTC4268IDKD-1#PBF
LTC4268CDKD-1#TRPBF
LTC4268IDKD-1#TRPBF
42681
42681
32-Lead (7mm
× 4mm) Plastic DFN
32-Lead (7mm
× 4mm) Plastic DFN
0°C to 70°C
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4268CDKD-1
LTC4268IDKD-1
LTC4268CDKD-1#TR
LTC4268IDKD-1#TR
42681
42681
32-Lead (7mm
× 4mm) Plastic DFN
32-Lead (7mm
× 4mm) Plastic DFN
0°C to 70°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com