Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4304CDD Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4304CDD
Description  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4304CDD Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4304CDD Datasheet HTML 3Page - Linear Technology LTC4304CDD Datasheet HTML 4Page - Linear Technology LTC4304CDD Datasheet HTML 5Page - Linear Technology LTC4304CDD Datasheet HTML 6Page - Linear Technology LTC4304CDD Datasheet HTML 7Page - Linear Technology LTC4304CDD Datasheet HTML 8Page - Linear Technology LTC4304CDD Datasheet HTML 9Page - Linear Technology LTC4304CDD Datasheet HTML 10Page - Linear Technology LTC4304CDD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4304
7
4304fa
Start-Up
When the LTC4304 first receives power on its VCC pin,
either during power up or live insertion, it starts in an under
voltage lockout (UVLO) state, ignoring any activity on the
SDA or SCL pins until VCC rises above 2.5V (typical).
During this time, the precharge circuitry is active and
forces 1V through 200K nominal resistors to the SDA
and SCL pins. Because the I/O card is being plugged
into a live backplane, the voltage on the backplane SDA
and SCL busses may be anywhere between 0V and VCC.
Precharging the SCL and SDA pins to 1V minimizes the
worst-case voltage differential these pins will see at the
moment of connection, therefore minimizing the amount
of disturbance caused by the I/O card.
Once the LTC4304 comes out of UVLO, it assumes that
SDAIN and SCLIN have been inserted into a live system
and that SDAOUT and SCLOUT are being powered up at
the same time as itself. Therefore, it looks for either a stop
bit or bus idle condition on the input side to indicate the
completion of a data transaction. When either one occurs,
the part also verifies that both the SDAOUT and SCLOUT
voltages are high. When all of these conditions are met,
the input-to-output connection circuitry is activated, join-
ing the SDA and SCL busses on the I/O card with those
on the backplane and READY goes high.
Connection Circuitry
Once the connection circuitry is activated, the functionality
of the SDAIN and SDAOUT pins is identical. A low forced
on either pin at any time results in both pin voltages be-
ing low. For proper operation, logic low input voltages
should be no higher than 0.4V with respect to the ground
pin voltage of the LTC4304. SDAIN and SDAOUT enter
a logic high state only when all devices on both SDAIN
and SDAOUT release high. The same is true for SCLIN
and SCLOUT. This important feature ensures that clock
stretching, clock synchronization, arbitration and the ac-
knowledge protocol always work, regardless of how the
devices in the system are tied to the LTC4304.
Another key feature of the connection circuitry is that it
provides bidirectional buffering, keeping the backplane
and card capacitances isolated. Because of this isolation,
the waveforms on the backplane busses look slightly
different than the corresponding card bus waveforms, as
described here.
Input to Output Offset Voltage
When a logic low voltage, VLOW1, is driven on any of the
LTC4304’s data or clock pins, the LTC4304 regulates the
voltage on the opposite side of the part (call it VLOW2)
to a slightly higher voltage, as directed by the following
equation:
VLOW2 = VLOW1 + 75mV + (VCC/R) • 20Ω (typical)
where R is the bus pull-up resistance in ohms. For ex-
ample, if a device is forcing SDAOUT to 10mV where VCC
= 3.3V and the pull-up resistor R on SDAIN is 10k, then
the voltage on SDAIN = 10mV + 75mV + (3.3/10000) • 20
= 91.6mV(typical). See the Typical Performance Charac-
teristics section for curves showing the offset voltage as
a function of VCC and R.
Bus Stuck Low Timeout
When SDAOUT or SCLOUT is low, an internal timer starts.
The timer is only reset when SDAOUT and SCLOUT are
both high. If they do not go high within 30ms (typical),
FAULT pulls low indicating a bus stuck condition and the
connection between SDAIN and SDAOUT, and SCLIN
and SCLOUT is broken. After a delay of at least 40µs, the
LTC4304 automatically generates up to 16 clock pulses at
8.5kHz (typical) on SCLOUT in an attempt to unstick the
bus. When SDAOUT and SCLOUT go high, FAULT is cleared
and reconnection occurs when the conditions described
in the “Start-Up” section above are satisfied.
When powering up into a bus stuck low condition, the
connection circuitry joining the SDA and SCL busses on
the I/O card with those on the backplane is not activated.
30ms after UVLO, FAULT pulls low indicating a bus stuck
low condition, and automatic clocking takes place as
described above.
Propagation Delays
During a rising edge, the rise-time on each side is de-
termined by the bus pull-up resistor and the equivalent
capacitance on the line. If the pull-up resistors are the
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com