Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4304CMS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4304CMS
Description  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4304CMS Datasheet(HTML) 2 Page - Linear Technology

  LTC4304CMS Datasheet HTML 1Page - Linear Technology LTC4304CMS Datasheet HTML 2Page - Linear Technology LTC4304CMS Datasheet HTML 3Page - Linear Technology LTC4304CMS Datasheet HTML 4Page - Linear Technology LTC4304CMS Datasheet HTML 5Page - Linear Technology LTC4304CMS Datasheet HTML 6Page - Linear Technology LTC4304CMS Datasheet HTML 7Page - Linear Technology LTC4304CMS Datasheet HTML 8Page - Linear Technology LTC4304CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4304
2
4304fa
VCC to GND ..................................................–0.3V to 7V
SDAIN, SCLIN, SDAOUT, SCLOUT, READY, ENABLE,
FAULT, ACC .................................................. – 0.3V to 7V
Operating Temperature
LTC4304C ................................................ 0°C to 70°C
LTC4304I .............................................– 40°C to 85°C
(Notes 1, 2)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, unless otherwise noted.
SDAIN, SCLIN, SDAOUT, SCLOUT,
FAULT READY (Note 3) .........................................30mA
Storage Temperature Range
MSOP ................................................– 65°C to 150°C
DFN....................................................– 65°C to 125°C
Lead Temperature (Soldering, 10sec)
MSOP ............................................................... 300°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC
Positive Supply Voltage
●
2.7
5.5
V
ICC
Supply Current
VCC = 5.5V, VSDAIN = VSDAOUT = 0V (Note 7)
●
6
8
mA
Supply Current, ENABLE = GND
VCC = 5.5V
1.5
mA
Startup Circuitry
VPRE
Precharge Voltage
SDA, SCL Floating, VCC = 5.5V
●
0.8
1
1.2
V
TIDLE
Bus Idle Time
●
60
95
175
µs
VOL_READY
READY Output Low Voltage
IPULLUP = 3mA
●
0.4
V
IPULLUP = 6mA, VCC = 4.7V
●
0.4
V
VTHR_ENABLE
ENABLE Threshold
●
0.8
1.4
2
V
IENABLE
ENABLE Input Current
ENABLE from 0 to VCC
●
0.1
±1.5
µA
VTHR
SDA, SCL Logic Input Threshold Voltage Rising Edge
●
1.6
1.8
2
V
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
EXPOSED PAD (PIN 11)
PCB GND CONNECTION OPTIONAL
10
9
6
7
8
11
4
5
3
2
1
VCC
SDAOUT
SDAIN
FAULT
READY
ENABLE
SCLOUT
SCLIN
ACC
GND
1
2
3
4
5
ENABLE
SCLOUT
SCLIN
ACC
GND
10
9
8
7
6
VCC
SDAOUT
SDAIN
FAULT
READY
TOP VIEW
MS10 PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA =200°C/W
ORDER PART NUMBER
DD PART MARKING*
ORDER PART NUMBER
MS PART MARKING*
LTC4304CDD
LTC4304IDD
LBBD
LBBD
LTC4304CMS
LTC4304IMS
LTBBC
LTBBC
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
TJMAX = 125°C, θJA = 43°C/W
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
FOR ATIO
PACKAGE/ORDER I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com