Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4307CDD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4307CDD
Description  Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307CDD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4307CDD Datasheet HTML 8Page - Linear Technology LTC4307CDD Datasheet HTML 9Page - Linear Technology LTC4307CDD Datasheet HTML 10Page - Linear Technology LTC4307CDD Datasheet HTML 11Page - Linear Technology LTC4307CDD Datasheet HTML 12Page - Linear Technology LTC4307CDD Datasheet HTML 13Page - Linear Technology LTC4307CDD Datasheet HTML 14Page - Linear Technology LTC4307CDD Datasheet HTML 15Page - Linear Technology LTC4307CDD Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4307
12
4307f
Systems with Supply Voltage Droop
In large 2-wire systems, the VCC voltages seen by devices
at various points in the system can differ by a few hundred
millivolts or more. This situation is modeled by a series
resistor in the VCC line, as shown in Figure 8. For proper
operation, make sure that the VCC(LTC4307) is ≥ 2.3V.
Figure 6. The LTC4307 in a Repeater/Bus Extender Application Where Two 2-Wire Systems are Separated by a Distance
Figure 7. The LTC4307 in a Repeater Application. The LTC4307’s Low Offset Allows Cascading of Multiple Devices
Figure 8. System with Voltage Droop
C2
0.01
μF
R7
10k
R6
10k
4307 F06
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
LTC4307
R5
10k
R1
10k
R4
10k
R2
10k
C1
0.01
μF
R3
10k
3.3V
SDA1
SCL1
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
R8
10k
SDA2
SCL2
LTC4307
ENABLE
READY
ENABLE
READY
C3
0.01
mF
R10
2.7k
R9
10k
4307 F07
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
LTC4307
R5
2.7k
R1
2.7k
R4
2.7k
R2
2.7k
C1
0.01
mF
R3
10k
VCC
SDA1
SCL1
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
R11
2.7k
SDA2
SCL2
LTC4307
R8
2.7k
R7
2.7k
C2
0.01
mF
R6
10k
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
LTC4307
ENABLE
READY
ENABLE
READY
ENABLE
READY
4307 F08
R5
10k
R1
10k
R4
10k
R2
10k
RDROOP
C1
0.01
μF
R3
10k
VCC(BUS)
SDA1
SCL1
READY
SDAIN
SCLIN
SDAOUT
SCLOUT
VCC
GND
SDA2
SCL2
VCC(LTC4307)
LTC4307
ENABLE
READY
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com