Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4309 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4309
Description  Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309 Datasheet(HTML) 2 Page - Linear Technology

  LTC4309 Datasheet HTML 1Page - Linear Technology LTC4309 Datasheet HTML 2Page - Linear Technology LTC4309 Datasheet HTML 3Page - Linear Technology LTC4309 Datasheet HTML 4Page - Linear Technology LTC4309 Datasheet HTML 5Page - Linear Technology LTC4309 Datasheet HTML 6Page - Linear Technology LTC4309 Datasheet HTML 7Page - Linear Technology LTC4309 Datasheet HTML 8Page - Linear Technology LTC4309 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4309
2
4309fa
VCC, VCC2 to GND............................................–0.3 to 6V
SDAIN, SCLIN, SDAOUT, SCLOUT, READY,
ENABLE, FAULT, ACC, DISCEN .......................–0.3 to 6V
Maximum Sink Current (SDA, SCL, FAULT, READY)
ISINK ......................................................................50mA
(Note 1, 6)
Operating Temperature
LTC4309C ................................................ 0°C to 70°C
LTC4309I.............................................. –40°C to 85°C
Storage Temperature Range (DE)........... –65°C to 125°C
Storage Temperature Range (GN) .......... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
GN Package ...................................................... 300°C
12
11
10
9
8
7
1
2
3
4
5
6
VCC
VCC2
SDAOUT
SDAIN
FAULT
READY
ENABLE
DISCEN
SCLOUT
SCLIN
ACC
GND
TOP VIEW
13
DE12 PACKAGE
12-LEAD (4mm × 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 13) PCB CONNECTION TO GND IS OPTIONAL
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
ENABLE
NC
DISCEN
SCLOUT
SCLIN
ACC
NC
GND
VCC
NC
VCC2
SDAOUT
SDAIN
FAULT
NC
READY
TJMAX = 150°C, θJA = 110°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4309CDE#PBF
LTC4309CDE#TRPBF
4309
12-Lead (4mm × 3mm) Plastic DFN
0°C to 70°C
LTC4309IDE#PBF
LTC4309IDE#TRPBF
4309
12-Lead (4mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4309CGN#PBF
LTC4309CGN#TRPBF
4309
16-Lead Plastic SSOP
0°C to 70°C
LTC4309IGN#PBF
LTC4309IGN#TRPBF
4309I
16-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com