Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4352CDD-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4352CDD-PBF
Description  Low Voltage Ideal Diode Controller with Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352CDD-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC4352CDD-PBF Datasheet HTML 1Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 2Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 3Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 4Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 5Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 6Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 7Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 8Page - Linear Technology LTC4352CDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4352
5
4352f
PIN FUNCTIONS
VIN (Pin 1): Voltage Sense and Supply Input. Connect this
pin to the power input side of the MOSFET. The low voltage
supply VCC is generated from VIN. The voltage sensed at
this pin is used to control the MOSFET gate.
VCC (Pin 2): Low Voltage Supply. Connect a 0.1μF capacitor
from this pin to ground. When VIN ≥ 2.9V, this pin provides
decoupling for an internal regulator that generates a 4.1V
supply. For applications where VIN < 2.9V, connect an ex-
ternal supply voltage in the range 2.9V to 6V to this pin.
UV (Pin 3): Undervoltage Comparator Input. Connect this
pin to an external resistive divider from VIN. If the volt-
age at this pin falls below 0.5V, an undervoltage fault is
detected and the MOSFET is turned off. The comparator
has a built-in hysteresis of 5mV. Tie to VCC if unused.
OV (Pin 4): Overvoltage Comparator Input. Connect this
pin to an external resistive divider from VIN. If the volt-
age at this pin rises above 0.5V, an overvoltage fault is
detected and the MOSFET is turned off. The comparator
has a built-in hysteresis of 5mV. Tie to GND if unused.
STATUS (Pin 5): MOSFET Status Output. This pin is pulled
low by an open-drain output when the external MOSFET
is on. An internal 10μA current source pulls this pin up to
a diode below VCC. It may be pulled above VCC using an
external pull-up. Tie to GND or leave open if unused.
FAULT (Pin 6): Fault Output. This pin is pulled low by an
open-drain output when a fault occurs. This fault could
either be an undervoltage fault, an overvoltage fault, or
an open MOSFET fault. An internal 10μA current source
pulls this pin up to a diode below VCC. It may be pulled
above VCC using an external pull-up. Tie to GND or leave
open if unused.
REV (Pin 7): Reverse Current Enable Input. Connect
this pin to GND for normal diode operation that blocks
reverse current. Driving this pin above 1V fully turns on
the MOSFET gate to allow reverse current. An internal
10μA current source pulls this pin to GND.
OUT (Pin 8): Output Voltage Sense Input. Connect this pin
to the output side of the MOSFET. The voltage sensed at
this pin is used to control the MOSFET gate.
GND (Pin 9): Device Ground.
CPO (Pin 10): Charge Pump Output. Connect a capacitor
from this pin to the SOURCE pin. The value of this capaci-
tor is approximately 10x the gate capacitance (CISS) of the
MOSFET switch. The charge stored on this capacitor is
used to pull-up the gate during a fast turn-on. Leave this
pin open if fast turn-on is not needed.
GATE (Pin 11): MOSFET Gate Drive Output. Connect this
pin to the gate of the external N-channel MOSFET switch.
An internal clamp limits the gate voltage to 6.1V above,
and a diode below SOURCE. During fast turn-on a 1.5A
pull-up charges GATE to CPO. During fast turn-off a 1.5A
pull-down discharges GATE to SOURCE.
SOURCE (Pin 12): MOSFET Gate Drive Return. Connect
this pin to the source of the external N-channel MOSFET
switch.
EXPOSED PAD (Pin 13, DD Package Only): Exposed Pad
may be left open or connected to device ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com