Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4412HV Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4412HV
Description  36V, Low Loss PowerPathTM Controller in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4412HV Datasheet(HTML) 2 Page - Linear Technology

  LTC4412HV Datasheet HTML 1Page - Linear Technology LTC4412HV Datasheet HTML 2Page - Linear Technology LTC4412HV Datasheet HTML 3Page - Linear Technology LTC4412HV Datasheet HTML 4Page - Linear Technology LTC4412HV Datasheet HTML 5Page - Linear Technology LTC4412HV Datasheet HTML 6Page - Linear Technology LTC4412HV Datasheet HTML 7Page - Linear Technology LTC4412HV Datasheet HTML 8Page - Linear Technology LTC4412HV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC4412HV
sn4412hv 4412hvfs
(Note 1)
Supply Voltage (VIN) .................................. –14V to 40V
Voltage from VIN to SENSE ........................ – 40V to 40V
Input Voltage
CTL ........................................................– 0.3V to 40V
SENSE .................................................... –14V to 40V
Output Voltage
GATE ..................... –0.3V to the Higher of VIN + 0.3V
or SENSE + 0.3V
STAT .....................................................– 0.3V to 40V
Operating Ambient Temperature Range
(Note 2) ........................................... – 40
°C to 125°C
Operating Junction Temperature ......... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LTC4412HVIS6
TJMAX = 125°C, θJA = 230°C/W
The q denotes specifications which apply over the full operating
temperature range, unless otherwise noted specifications are at TA = 25°C, VIN = 12V, CTL and GND = 0V. Current into a pin is positive
and current out of a pin is negative. All voltages are referenced to GND, unless otherwise specified.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
VIN 1
GND 2
CTL 3
6 SENSE
5 GATE
4 STAT
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
S6 PART MARKING
LTBHR
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN,
Operating Supply Range
VIN and/or VSENSE Must Be in This Range
q
2.5
36
V
VSENSE
for Proper Operation
IQFL
Quiescent Supply Current at Low Supply
VIN = 3.6V. Measure Combined Current
q
11
19
µA
While in Forward Regulation
at VIN and SENSE Pins Averaged with
VSENSE = 3.5V and VSENSE = 3.6V (Note 3)
IQFH
Quiescent Supply Current at High Supply
VIN = 36V. Measure Combined Current
q
18
32
µA
While in Forward Regulation
at VIN and SENSE Pins Averaged with
VSENSE = 35.9V and VSENSE = 36V (Note 3)
IQRL
Quiescent Supply Current at Low Supply
VIN = 3.6V, VSENSE = 3.7V. Measure
10
19
µA
While in Reverse Turn-Off
Combined Current of VIN and SENSE Pins
IQRH
Quiescent Supply Current at High Supply
VIN = 35.9V, VSENSE = 36V. Measure
19
33
µA
While in Reverse Turn-Off
Combined Current of VIN and SENSE Pins
IQCL
Quiescent Supply Current at Low Supply
VIN = 3.6V, VSENSE = 0V, VCTL = 1V
7
13
µA
with CTL Active
IQCH
Quiescent Supply Current at High Supply
VIN = 36V, VSENSE = 8V, VCTL = 1V
15
25
µA
with CTL Active
ILEAK
VIN and SENSE Pin Leakage Currents
VIN = 28V, VSENSE = 0V; VSENSE = 28V, VIN = 0V
–3
0
1
µA
When Other Pin Supplies Power
VIN = 14V, VSENSE = –14V; VSENSE = 14V, VIN = –14V
PowerPath Controller
VFR
PowerPath Switch Forward Regulation
VIN – VSENSE, 2.5V ≤ VIN ≤ 36V
q
10
20
32
mV
Voltage
VRTO
PowerPath Switch Reverse Turn-Off
VSENSE – VIN, 2.5V ≤ VIN ≤ 36V
q
10
20
32
mV
Threshold Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com