Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4413-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4413-1
Description  Dual 2.6A, 2.5V to 5.5V Fast Ideal Diodes in 3mm 횞 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4413-1 Datasheet HTML 1Page - Linear Technology LTC4413-1 Datasheet HTML 2Page - Linear Technology LTC4413-1 Datasheet HTML 3Page - Linear Technology LTC4413-1 Datasheet HTML 4Page - Linear Technology LTC4413-1 Datasheet HTML 5Page - Linear Technology LTC4413-1 Datasheet HTML 6Page - Linear Technology LTC4413-1 Datasheet HTML 7Page - Linear Technology LTC4413-1 Datasheet HTML 8Page - Linear Technology LTC4413-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4413-1/LTC4413-2
2
441312fb
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
INA, INB, OUTA, OUTB, STAT,
ENBA, ENBB Voltage .................................... –0.3V to 6V
OVI, OVP Voltage ....................................... –0.3V to 13V
Operating Temperature Range.................. –40°C to 85°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN, VOUT
Operating Supply Range for Channel A or B VIN and/or VOUT Must be in This Range for
Proper Operation
●
2.5
5.5
V
UVLO
UVLO Turn-On Rising Threshold
Max (VINA, VINB, VOUTA, VOUTB)
●
2.45
V
UVLO Turn-Off Falling Threshold
Max (VINA, VINB, VOUTA, VOUTB)
●
1.7
V
IQF
Quiescent Current in Forward Regulation,
Measured via GND
VINA = 3.6V, IINA = 100mA, VINB = 0V,
IINB = 0mA (Note 3)
●
40
58
μA
IQRIN
Current Drawn from or Sourced into IN
when VOUT is greater than VIN
VIN = 3.6V, VOUT = 5.5V (Note 6)
●
–1
2.5
4.5
μA
IQRGND
Quiescent Current While in Reverse
Turn-Off, Measured via GND
VINA = VINB = 0V, VOUTB = VOUTA = 5.5V,
VSTAT = 0V
28
36
μA
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
OUTA
STAT
NC
NC
OUTB
INA
ENBA
GND
ENBB
INB
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
OUTA
STAT
OVI
OVP
OUTB
INA
ENBA
GND
ENBB
INB
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 2, 6)
Storage Temperature Range................... –65°C to 125°C
Continuous Power Dissipation ..........................1500mW
(Derate 25mW/°C Above 70°C)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4413EDD1#PBF
LTC4413EDD1#TRPBF
LCPP
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4413EDD2#PBF
LTC4413EDD2#TRPBF
LCPQ
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4413EDD1
LTC4413EDD1#TR
LCPP
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4413EDD2
LTC4413EDD2#TR
LCPQ
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com