Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4443 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4443
Description  High Speed Synchronous N-Channel MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4443 Datasheet(HTML) 2 Page - Linear Technology

  LTC4443 Datasheet HTML 1Page - Linear Technology LTC4443 Datasheet HTML 2Page - Linear Technology LTC4443 Datasheet HTML 3Page - Linear Technology LTC4443 Datasheet HTML 4Page - Linear Technology LTC4443 Datasheet HTML 5Page - Linear Technology LTC4443 Datasheet HTML 6Page - Linear Technology LTC4443 Datasheet HTML 7Page - Linear Technology LTC4443 Datasheet HTML 8Page - Linear Technology LTC4443 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4443/LTC4443-1
2
4443fa
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 7V, VTS = GND = 0V, VLOGIC = 5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VLOGIC.................................................... –0.3V to 10V
VCC......................................................... –0.3V to 10V
BOOST – TS........................................... –0.3V to 10V
BOOST Voltage .......................................... –0.3V to 42V
BOOST – VCC ............................................................38V
TS Voltage..................................................... –5V to 38V
TS + VCC....................................................................42V
IN Voltage .................................................. –0.3V to 10V
Driver Output TG (with Respect to TS)....... –0.3V to 10V
Driver Output BG........................................ –0.3V to 10V
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Supply (VLOGIC)
VLOGIC
Operating Range
3
9.5
V
IVLOGIC
DC Supply Current
IN = Floating
730
850
μA
UVLO
Undervoltage Lockout Threshold
VLOGIC Rising
VLOGIC Falling
Hysteresis
l
l
2.5
2.4
2.75
2.65
100
3.0
2.9
V
V
mV
Gate Driver Supply (VCC)
VCC
Operating Range
6
9.5
V
IVCC
DC Supply Current
IN = Floating
600
800
μA
UVLO
Undervoltage Lockout Threshold
VCC Rising (LTC4443)
VCC Falling (LTC4443)
Hysteresis (LTC4443)
l
l
2.75
2.60
3.20
3.04
160
3.65
3.50
V
V
mV
VCC Rising (LTC4443-1)
VCC Falling (LTC4443-1)
Hysteresis (LTC4443-1)
l
l
5.6
4.7
6.2
5.3
850
6.7
5.8
V
V
mV
PIN CONFIGURATION
TOP VIEW
13
DDMA PACKAGE
12-LEAD (3mm
3mm) PLASTIC DFN
NC
NC
TG
TS
BG
GND
BOOST
BOOST
BOOST
VCC
VLOGIC
IN
1
2
3
4
5
6
12
11
10
9
8
7
θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4443EDD#PBF
LTC4443EDD#TRPBF
LCXH
12-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4443IDD#PBF
LTC4443IDD#TRPBF
LCXH
12-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4443EDD-1#PBF
LTC4443EDD-1#TRPBF
LCYN
12-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
LTC4443IDD-1#PBF
LTC4443IDD-1#TRPBF
LCYN
12-Lead (3mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com