Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4444-5 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4444-5
Description  High Voltage Synchronous N-Channel MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4444-5 Datasheet(HTML) 2 Page - Linear Technology

  LTC4444-5 Datasheet HTML 1Page - Linear Technology LTC4444-5 Datasheet HTML 2Page - Linear Technology LTC4444-5 Datasheet HTML 3Page - Linear Technology LTC4444-5 Datasheet HTML 4Page - Linear Technology LTC4444-5 Datasheet HTML 5Page - Linear Technology LTC4444-5 Datasheet HTML 6Page - Linear Technology LTC4444-5 Datasheet HTML 7Page - Linear Technology LTC4444-5 Datasheet HTML 8Page - Linear Technology LTC4444-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4444-5
2
44445fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VCC......................................................... –0.3V to 14V
BOOST – TS........................................... –0.3V to 14V
TINP Voltage ................................................. –2V to 14V
BINP Voltage................................................. –2V to 14V
BOOST Voltage ........................................ –0.3V to 114V
TS Voltage................................................... –5V to 100V
Operating Junction Temperature Range
(Note 2) .............................................–55°C to 125°C
Storage Temperature Range...................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
TINP
BINP
VCC
BG
8
7
6
5
TS
TG
BOOST
NC
TOP VIEW
9
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W (NOTE 4)
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Driver Supply, VCC
VCC
Operating Voltage
4.5
13.5
V
IVCC
DC Supply Current
TINP = BINP = 0V
320
520
μA
UVLO
Undervoltage Lockout Threshold
VCC Rising
VCC Falling
Hysteresis
3.60
3.20
4.00
3.55
450
4.40
3.90
V
V
mV
Bootstrapped Supply (BOOST – TS)
IBOOST
DC Supply Current
TINP = BINP = 0V
0.1
2
μA
Input Signal (TINP, BINP)
VIH(BG)
BG Turn-On Input Threshold
BINP Ramping High
2.25
2.75
3.25
V
VIL(BG)
BG Turn-Off Input Threshold
BINP Ramping Low
1.85
2.3
2.75
V
VIH(TG)
TG Turn-On Input Threshold
TINP Ramping High
2.25
2.75
3.25
V
VIL(TG)
TG Turn-Off Input Threshold
TINP Ramping Low
1.85
2.3
2.75
V
ITINP(BINP)
Input Pin Bias Current
±0.01
±2
μA
The denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VCC = VBOOST = 6V, VTS = GND = 0V, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4444EMS8E-5#PBF
LTC4444EMS8E-5#TRPBF
LTDPY
8-Lead Plastic MSOP
–40°C to 85°C
LTC4444IMS8E-5#PBF
LTC4444IMS8E-5#TRPBF
LTDPY
8-Lead Plastic MSOP
–40°C to 85°C
LTC4444MPMS8E-5#PBF
LTC4444MPMS8E-5#TRPBF
LTFDF
8-Lead Plastic MSOP
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com