Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSAL7300 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSAL7300
Description  GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL7300 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSAL7300 Datasheet HTML 1Page - Vishay Siliconix TSAL7300 Datasheet HTML 2Page - Vishay Siliconix TSAL7300 Datasheet HTML 3Page - Vishay Siliconix TSAL7300 Datasheet HTML 4Page - Vishay Siliconix TSAL7300 Datasheet HTML 5Page - Vishay Siliconix TSAL7300 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSAL7300
Vishay Telefunken
2 (6)
Rev. 1, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81013
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
100
mA
Peak Forward Current
tp/T = 0.5, tp = 100 ms
IFM
200
mA
Surge Forward Current
tp = 100 ms
IFSM
1,5
A
Power Dissipation
PV
210
mW
Junction Temperature
Tj
100
°C
Operating Temperature Range
Tamb
–55...+100
°C
Storage Temperature Range
Tstg
–55...+100
°C
Soldering Temperature
t
x 5sec, 2 mm from case
Tsd
260
°C
Thermal Resistance Junction/Ambient
RthJA
350
K/W
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF = 100 mA, tp = 20 ms
VF
1.35
1.6
V
g
IF = 1 A, tp = 100 ms
VF
2.6
3
V
Temp. Coefficient of VF
IF = 100 mA
TKVF
–1.875
mV/K
Reverse Current
VR = 5 V
IR
10
mA
Junction Capacitance
VR = 0, f = 1 MHz, E = 0
Cj
25
pF
Radiant Intensity
IF = 100 mA, tp = 20 ms
Ie
30
45
mW/sr
y
IF = 1 A, tp = 100 ms
Ie
260
350
mW/sr
Radiant Power
IF = 100 mA, tp = 20 ms
fe
35
mW
Temp. Coefficient of
fe
IF = 20 mA
TKfe
–0.6
%/K
Angle of Half Intensity
ϕ
±22
deg
Peak Wavelength
IF = 100 mA
lp
940
nm
Spectral Bandwidth
IF = 100 mA
Dl
50
nm
Temp. Coefficient of
lp
IF = 100 mA
TKlp
0.2
nm/K
Rise Time
IF = 100 mA
tr
800
ns
IF = 1 A
tr
500
ns
Fall Time
IF = 100 mA
tf
800
ns
IF = 1 A
tf
500
ns
Virtual Source Diameter
method: 63% encircled
energy
ø
2.1
mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com