Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5507 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5507
Description  100kHz to 1GHz RF Power Detector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5507 Datasheet(HTML) 2 Page - Linear Technology

  LTC5507 Datasheet HTML 1Page - Linear Technology LTC5507 Datasheet HTML 2Page - Linear Technology LTC5507 Datasheet HTML 3Page - Linear Technology LTC5507 Datasheet HTML 4Page - Linear Technology LTC5507 Datasheet HTML 5Page - Linear Technology LTC5507 Datasheet HTML 6Page - Linear Technology LTC5507 Datasheet HTML 7Page - Linear Technology LTC5507 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LTC5507
2
5507f
VCC, VOUT to GND .................................... –0.3V to 6.5V
RFIN Voltage to GND ......................... (VCC ± 1.8V) to 7V
SHDN Voltage to GND ................ –0.3V to (VCC + 0.3V)
PCAP Voltage to GND ........................ (VCC – 1.8V) to 7V
IVOUT ...................................................................... 5mA
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Maximum Junction Temperature ......................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
S6 PART
MARKING
TJMAX = 125°C, θJA = 250°C/W
LTZX
LTC5507ES6
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.6V, RF Input Signal is Off, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Operating Voltage
q
2.7
6
V
IVCC Shutdown Current
SHDN = 0V
q
2
µA
IVCC Operating Current
SHDN = VCC, IVOUT = 0mA
q
0.55
0.85
mA
VOUT VOL (No RF Input)
RLOAD = 2k, SHDN = VCC, Enabled
130
250
370
mV
SHDN = 0V, Disabled
1
mV
VOUT Output Current
VOUT = 1.75V, VCC = 2.7V to 6V, ∆VOUT = 10mV
q
12
mA
VOUT Enable Time
SHDN = VCC, CLOAD = 33pF, RLOAD = 2k
q
720
µs
VOUT Load Capacitance
(Note 4)
q
33
pF
VOUT Noise
VCC = 3V, Noise BW = 1.5MHz, 50Ω RF Input Termination
2
mVP-P
SHDN Voltage, Chip Disabled
VCC = 2.7V to 6V
q
0.35
V
SHDN Voltage, Chip Enabled
VCC = 2.7V to 6V
q
1.4
V
SHDN Input Current
SHDN = 3.6V
q
24
40
µA
RFIN Input Frequency Range
0.1– 1000
MHz
Max RFIN Input Power
(Note 3)
14
dBm
RFIN AC Input Resistance
F = 10MHz, RF Input = –10dBm
130
Ω
F = 1000MHz, RF Input = –10dBm
95
Ω
RFIN Input Shunt Capacitance
1.7
pF
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Specifications over the –40
°C to 85°C operating temperature
range are assured by design, characterization and correlation with
statistical process controls.
Note 3: RF performance is tested at: 80MHz, –4dBm
Note 4: Guaranteed by design.
6 RFIN
5 PCAP
4 VCC
SHDN 1
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
GND 2
VOUT 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com