Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5532 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5532
Description  Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5532 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5532 Datasheet HTML 8Page - Linear Technology LTC5532 Datasheet HTML 9Page - Linear Technology LTC5532 Datasheet HTML 10Page - Linear Technology LTC5532 Datasheet HTML 11Page - Linear Technology LTC5532 Datasheet HTML 12Page - Linear Technology LTC5532 Datasheet HTML 13Page - Linear Technology LTC5532 Datasheet HTML 14Page - Linear Technology LTC5532 Datasheet HTML 15Page - Linear Technology LTC5532 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC5532
13
5532f
APPLICATIO S I FOR ATIO
Figure 2. Mobile Phone Tx Power Control Application Diagram with a Capacitive Tap
Applications
The LTC5532 can be used as a self-standing signal strength
measuring receiver for a wide range of input signals from
–32dBm to 10dBm for frequencies from 300MHz to 7GHz.
Operation at higher frequencies, to 12GHz or above, is
achievable with reduced performance. The smaller DFN
package version is recommended for these applications
because of its lower parasitics. Figure 1 plots the output
voltage as a function of RF power of a 12GHz CW input
signal.
The LTC5532 can be used as a demodulator for AM and
ASK modulated signals with data rates up to 2MHz.
Depending on specific application needs, the RSSI output
can be split between two branches, providing AC-coupled
data (or audio) output and DC-coupled RSSI output for
signal strength measurements and AGC.
The LTC5532 can be used for RF power detection and
control. Figure 2 is an example of a transmitter power
controller, using the LTC5532 with a capacitive tap to the
power amplifier. A 0.5pF capacitor (C1) followed by a
200
Ω resistor (R1) form a coupling circuit with about
20dB loss at 900MHz referenced to the LTC5532 RF input
pin. In the actual product implementation, component
values for the capacitive tap may be different depending on
parts placement, PCB parasitics and parameters of the
antenna.
The LTC5532 can be configured as a comparator for RF
power detection and RF power alarms. The characteriza-
tion data includes a plot of the LTC5532 output delay in
response to a positive input step of varying RF level.
RFIN
GND
VOS
VCC
VOUT
VM
LTC5532ES6
1
2
3
6
5
4
0.1
µF
R2
R3
5532 F02
Li-Ion
CELL BAND
PCS BAND
VPC
MOBILE
PHONE
DSP
OFFSET
ADJUSTMENT
DIPLEXER
TX PA
MODULE
R1
200
Ω
1%
C1
0.5pF
±0.05pF
BSE
RF INPUT POWER (dBm)
–32
0
400
1200
1600
2000
–8 –4
0
4
3600
5532 F01
800
–28 –24 –20 –16 –12
8
2400
2800
3200
TA = 25°C
Figure 1. Typical Detector Characteristics,
12GHz, Gain = 2, VOS = 0V (DFN Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com