Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6240CS5 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6240CS5
Description  Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6240CS5 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6240CS5 Datasheet HTML 9Page - Linear Technology LTC6240CS5 Datasheet HTML 10Page - Linear Technology LTC6240CS5 Datasheet HTML 11Page - Linear Technology LTC6240CS5 Datasheet HTML 12Page - Linear Technology LTC6240CS5 Datasheet HTML 13Page - Linear Technology LTC6240CS5 Datasheet HTML 14Page - Linear Technology LTC6240CS5 Datasheet HTML 15Page - Linear Technology LTC6240CS5 Datasheet HTML 16Page - Linear Technology LTC6240CS5 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC6240/LTC6241/LTC6242
13
624012fc
Output Saturation Voltage vs
Load Current (Output High)
Gain Bandwidth and Phase
Margin vs Temperature
Open Loop Gain vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
LOAD CURRENT (mA)
0.1
0.1
10
100
6241 G10
0.01
1
10
1
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
TEMPERATURE (
°C)
–55 –35
5
45
85
–15
25
65
105 125
70
30
40
50
60
0
10
20
30
40
6241 G12
CL = 5pF
RL = 1k
PHASE MARGIN
GAIN BANDWIDTH
VS = ±1.5V
VS = ±5V
VS = ±1.5V
VS = ±5V
FREQUENCY (Hz)
10k
100k
10M
1M
100M
–20
0
–10
10
20
30
40
50
60
70
80
–80
–40
–60
–20
0
20
40
60
80
100
120
6241 G13
CL = 5pF
RL = 1k
VCM = VS/2
PHASE
GAIN
VS = ±1.5V
VS = ±5V
VS = ±1.5V
VS = ±5V
LOAD CURRENT (mA)
0.01
0.1
0.1
10
100
6241 G09
0.001
1
10
1
VS = 5V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
TEMPERATURE (
°C)
25
45
65
85
105
35
55
75
95
115 125
6241 G08
VCM = VS/2
VS = 5V
VS = 10V
1000
100
10
0.1
1
Input Bias Current vs Temperature
Output Saturation Voltage vs
Load Current (Output Low)
Gain Bandwidth and Phase
Margin vs Supply Voltage
Slew Rate vs Temperature
TOTAL SUPPLY VOLTAGE (V)
048
2
6
10
12
70
60
40
50
0
10
20
30
6241 G14
TA = 25°C
CL = 5pF
RL = 1k
PHASE MARGIN
GAIN BANDWIDTH
TEMPERATURE (
°C)
–55 –35
5
45
85
–15
25
65
105 125
4
6
8
10
12
14
16
18
20
6241 G15
AV = –2
RF = 1k, RG = 500Ω
CONDITIONS: SEE NOTE 12
VS = ±5V RISING
VS = ±5V FALLING
VS = ±2.5V FALLING
VS = ±2.5V RISING
Common Mode Rejection Ratio vs
Frequency
FREQUENCY (Hz)
10k
100k
10M
1M
100M
–10
0
10
20
30
40
50
60
70
100
90
80
6241 G17
TA = 25°C
VS = ±2.5V
Output Impedance vs Frequency
FREQUENCY (Hz)
10k
1M
10M
6241 G16
100k
TA = 25°C
VS = ±2.5V
AV = 10
AV = 1
0.01
10
10k
1
0.10
100
1k
AV = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com