Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6403-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6403-1
Description  200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6403-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC6403-1 Datasheet HTML 1Page - Linear Technology LTC6403-1 Datasheet HTML 2Page - Linear Technology LTC6403-1 Datasheet HTML 3Page - Linear Technology LTC6403-1 Datasheet HTML 4Page - Linear Technology LTC6403-1 Datasheet HTML 5Page - Linear Technology LTC6403-1 Datasheet HTML 6Page - Linear Technology LTC6403-1 Datasheet HTML 7Page - Linear Technology LTC6403-1 Datasheet HTML 8Page - Linear Technology LTC6403-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC6403-1
2
64031f
LTC6403-1 DC ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–) ................................5.5V
Input Voltage
(+IN, –IN, VOCM, ⎯S⎯H⎯D⎯N) (Note 2)................... V+ to V–
Input Current
(+IN, –IN, VOCM, ⎯S⎯H⎯D⎯N) (Note 2).....................±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range
(Note 4) ............................................... –40°C to 85°C
Specified Temperature Range
(Note 5) ............................................... –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
The
● denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C, V+ = 3V, V– = 0V, VCM = VOCM = VICM = Mid-
Supply, V⎯S⎯H⎯D⎯N = OPEN, RI = 402Ω, RF = 402Ω, RL = OPEN, RBAL = 100k (See Figure 1) unless otherwise noted. VS is defined as
(V+ – V–). VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT). VINDIFF is
defined as (VINP – VINM).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOSDIFF
Differential Offset Voltage (Input Referred)
VS = 2.7V
VS = 3V
VS = 5V
●
●
●
±0.4
±0.4
±0.4
±1.5
±1.5
±2
mV
mV
mV
ΔVOSDIFF/ΔT Differential Offset Voltage Drift (Input Referred)
VS = 2.7V
VS = 3V
VS = 5V
1
1
1
μV/°C
μV/°C
μV/°C
PIN CONFIGURATION
16
17
15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
× 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
SHDN
V+
V–
VOCM
V–
V+
V+
V–
TJMAX = 150°C, θJA = 160°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS V–, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6403CUD-1#PBF
LTC6403IUD-1#PBF
LTC6403CUD-1#TRPBF
LTC6403IUD-1#TRPBF
LDBM
LDBM
16-Lead (3mm
× 3mm) Plastic QFN
16-Lead (3mm
× 3mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com