Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1852 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1852
Description  8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1852 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1852 Datasheet HTML 9Page - Linear Technology LTC1852 Datasheet HTML 10Page - Linear Technology LTC1852 Datasheet HTML 11Page - Linear Technology LTC1852 Datasheet HTML 12Page - Linear Technology LTC1852 Datasheet HTML 13Page - Linear Technology LTC1852 Datasheet HTML 14Page - Linear Technology LTC1852 Datasheet HTML 15Page - Linear Technology LTC1852 Datasheet HTML 16Page - Linear Technology LTC1852 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC1852/LTC1853
13
18523fa
LT1809/LT1810: Single and Dual 180MHz Rail-to-Rail
Voltage Feedback Amplifier. Single 3V to ±15V supplies.
20mA supply current. Lowest distortion.
LT1812/LT1813: Single and Dual 100MHz Voltage Feed-
back Amplifier. Single 5V to ±5V supplies. 3.6mA supply
current. Low noise and low distortion.
Input Filtering
The noise and the distortion of the input amplifier and
other circuitry must be considered since they will add to
the LTC1852/LTC1853 noise and distortion. Noisy input
circuitry should be filtered prior to the analog inputs to
minimize noise. A simple 1-pole RC filter is sufficient for
many applications. For instance, a 200Ω source resistor
and a 1000pF capacitor to ground on the input will limit
the input bandwidth to 800kHz.The capacitor also acts
as a charge reservoir for the input sample-and-hold and
isolates the ADC input from sampling glitch sensitive
circuitry. High quality capacitors and resistors should be
used since these components can add distortion. NPO
and silver mica type dielectric capacitors have excellent
linearity.Carbon surface mount resistors can also generate
distortion from self heating and from damage that may
occur during soldering.Metal film surface mount resistors
are much less susceptible to both problems.
REFERENCE
The LTC1852/LTC1853 includes an on-chip, temperature
compensated, curvature corrected, bandgap reference
that is factory trimmed to 2.500V and has a very flexible
3-pin interface. REFOUT is the 2.5V bandgap output, REFIN
is the input to the reference buffer and REFCOMP is the
reference buffer output. The input span is determined by
the voltage appearing on the REFCOMP pin as shown in
Table 2. The reference buffer has a gain of 1.6384 and
is factory trimmed by forcing an external 2.500V on the
REFIN pin and trimming REFCOMP to 4.096V. The 3-pin
interface allows for three pin-strappable Reference modes
as well as two additional external Reference modes. For
voltages on the REFIN pin ranging from 1V to 2.6V, the
output voltage on REFCOMP will equal 1.6384 times the
voltage on the REFIN pin. In this mode, the REFIN pin can
be tied to REFOUT to use the internal 2.5V reference to get
4.096V on REFCOMP or driven with an external reference
or DAC. If REFIN is tied low, the internal 2.5V reference
divided by 2 (1.25V) is connected internally to the input
of the reference buffer resulting in 2.048V on REFCOMP.
If REFIN is tied high, the reference buffer is disabled and
REFCOMP can be tied to REFOUT to achieve a 2.5V span
or driven with an external reference or DAC. Table 3 sum-
marizes the Reference modes.
Table 3. Reference Mode Table
MODE
REFIN
REFCOMP
REFIN Tied Low
0V Input
2.048V Output
REFIN is Buffer Input
1v to 2.6 Input
1.6384V to 4.26V Output
(1.6384 • REFIN)
REFIN Tied High
5V Input
Input, 19.2kΩ to Ground
Full Scale and Offset
In applications where absolute accuracy is important,
offset and full-scale errors can be adjusted to zero dur-
ing a calibration sequence. Offset error must be adjusted
before full-scale error. Zero offset is achieved by adjust-
ing the offset applied to the “–” input. For single-ended
inputs, this offset should be applied to the COM pin. For
differential inputs, the “–” input is dictated by the MUX
address. For zero offset error, apply 0.5LSB (actual volt-
age will vary with input span selected) to the “+” input
and adjust the offset at the “–” input until the output code
flickers between 0000 0000 0000 and 0000 0000 0001
for the LTC1853 and between 00 0000 0000 and 00 0000
0001 for the LTC1852.
As mentioned earlier, the internal reference is factory
trimmed to 2.500V. To make sure that the reference buffer
gain is not compensating for trim errors in the reference,
REFCOMP is trimmed to 4.096V with an extremely accurate
external 2.5V reference applied to REFIN. Likewise, to make
sure that the full-scale gain trim is not compensating for
errors in the reference buffer gain, the input full-scale gain
is trimmed with an extremely accurate 4.096V reference
applied to REFCOMP (REFIN = 5V to disable the reference
buffer). This allows the use of either a 2.5V reference applied
to REFIN or a 4.096V reference applied to REFCOMP to
achieve accurate results. Full-scale errors can be trimmed
to zero by adjusting the appropriate reference voltage. For
unipolar inputs, an input voltage of FS – 1.5LSBs should
be applied to the “+” input and the appropriate reference
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com