Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1855IG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1855IG
Description  8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1855IG Datasheet(HTML) 2 Page - Linear Technology

  LTC1855IG Datasheet HTML 1Page - Linear Technology LTC1855IG Datasheet HTML 2Page - Linear Technology LTC1855IG Datasheet HTML 3Page - Linear Technology LTC1855IG Datasheet HTML 4Page - Linear Technology LTC1855IG Datasheet HTML 5Page - Linear Technology LTC1855IG Datasheet HTML 6Page - Linear Technology LTC1855IG Datasheet HTML 7Page - Linear Technology LTC1855IG Datasheet HTML 8Page - Linear Technology LTC1855IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1854/LTC1855/LTC1856
185456fa
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
COM
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
MUXOUT+
MUXOUT
ADC+
ADC
AGND1
CONVST
RD
SCK
SDI
DGND
SDO
BUSY
OVDD
DVDD
AVDD
AGND3
AGND2
REFCOMP
VREF
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage (OVDD = DVDD = AVDD = VDD) ........... 6V
Ground Voltage Difference
DGND, AGND1, AGND2, AGND3 ......................
±0.3V
Analog Input Voltage
ADC+, ADC
(Note 3) ...................(AGND1 – 0.3V) to (AVDD + 0.3V)
CH0-CH7, COM ..................................................
±30V
Digital Input Voltage (Note 4) ...... (DGND – 0.3V) to 10V
Digital Output Voltage .... (DGND – 0.3V) to (DVDD + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1854C/LTC1855C/LTC1856C ............ 0
∞C to 70∞C
LTC1854I/LTC1855I/LTC1856I .......... – 40
∞C to 85∞C
Storage Temperature Range ................. – 65
∞C to 150∞C
Lead Temperature (Soldering, 10 sec) ................. 300
∞C
TJMAX = 110
∞C, qJA = 95∞C/W
(Notes 1, 2)
ORDER PART NUMBER
LTC1855CG
LTC1855IG
PACKAGE/ORDER I FOR ATIO
The
denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25
∞C.
MUXOUT connected to ADC inputs. (Notes 5, 6)
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
LTC1854CG
LTC1854IG
LTC1856CG
LTC1856IG
LTC1854
LTC1855
LTC1856
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
12
14
16
Bits
No Missing Codes
12
14
15
Bits
Transition Noise
0.06
0.25
1
LSBRMS
Integral Linearity Error
(Note 7)
±1
±1.5
±3LSB
Differential Linearity Error
–1
1
–1
1.5
–2
4
LSB
Bipolar Zero Error
(Note 8)
±5
±8
±23
LSB
Bipolar Zero Error Drift
±0.1
±0.1
±0.1
ppm/
∞C
Bipolar Zero Error Match
3
4
10
LSB
Bipolar Full-Scale Error
External Reference (Note 11)
±0.34
±0.14
±0.1
%
Internal Reference (Note 11)
±0.45
±0.40
±0.4
%
Bipolar Full-Scale Error Drift
External Reference
±2.5
±2.5
±2.5
ppm/
∞C
Internal Reference
±7
±7
±7
ppm/
∞C
Bipolar Full-Scale Error Match
5
10
15
LSB
Input Common Mode Range
±10
±10
±10
V
Input Common Mode Rejection Ratio
96
96
96
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com