Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1856CG Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1856CG
Description  8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1856CG Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1856CG Datasheet HTML 16Page - Linear Technology LTC1856CG Datasheet HTML 17Page - Linear Technology LTC1856CG Datasheet HTML 18Page - Linear Technology LTC1856CG Datasheet HTML 19Page - Linear Technology LTC1856CG Datasheet HTML 20Page - Linear Technology LTC1856CG Datasheet HTML 21Page - Linear Technology LTC1856CG Datasheet HTML 22Page - Linear Technology LTC1856CG Datasheet HTML 23Page - Linear Technology LTC1856CG Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC1854/LTC1855/LTC1856
185456fa
SIGNAL-TO-NOISE AND DISTORTION RATIO
The Signal-to-Noise and Distortion Ratio (SINAD) is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the A/D output. The output is band limited
to frequencies from above DC and below half the sampling
frequency. Figure 12 shows a typical SINAD of 87dB with
a 100kHz sampling rate and a 1kHz input.
TOTAL HARMONIC DISTORTION
Total Harmonic Distortion (THD) is the ratio of the RMS
sum of all harmonics of the input signal to the fundamental
itself. The out-of-band harmonics alias into the frequency
band between DC and half the sampling frequency. THD is
expressed as:
THD = 20log
V2
2
3
2
4
22
1
++
+
VV
V
V
N
...
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through VN are the amplitudes of the
second through Nth harmonics.
BOARD LAYOUT, POWER SUPPLIES
AND DECOUPLING
Wire wrap boards are not recommended for high resolu-
tion or high speed A/D converters. To obtain the best
performance from the LTC1854/LTC1855/LTC1856, a
printed circuit board is required. Layout for the printed
circuit board should ensure the digital and analog signal
lines are separated as much as possible. In particular, care
should be taken not to run any digital track alongside an
analog signal track or underneath the ADC. The analog
input should be screened by AGND.
In applications where the MUX is connected to the ADC, it
is possible to get noise coupling into the ADC from the
trace connecting the MUXOUT to the ADC. Therefore,
reducing the length of the traces connecting the MUXOUT
pins (Pins 10, 11) to the ADC pins (Pins 12, 13) can
minimize the problem. The unused MUX inputs should be
grounded to prevent noise coupling into the inputs.
Figure 13 shows the power supply grounding that will help
obtain the best performance from the 12-bit/14-bit/16-bit
ADCs. Pay particular attention to the design of the analog
and digital ground planes. The DGND pin of the LTC1854/
APPLICATIO S I FOR ATIO
Figure 12. LTC1856 Nonaveraged 4096 Point FFT Plot
FREQUENCY (kHz)
015
25
50
185456 F12
510
20
30
40 45
35
–60
–40
–20
0
–80
–100
–70
–50
–30
–10
–90
–110
–130
–120
fSAMPLE = 100kHz
fIN = 1kHz
SINAD = 87dB
THD = –101dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com