Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1856IG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1856IG
Description  8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1856IG Datasheet(HTML) 2 Page - Linear Technology

  LTC1856IG Datasheet HTML 1Page - Linear Technology LTC1856IG Datasheet HTML 2Page - Linear Technology LTC1856IG Datasheet HTML 3Page - Linear Technology LTC1856IG Datasheet HTML 4Page - Linear Technology LTC1856IG Datasheet HTML 5Page - Linear Technology LTC1856IG Datasheet HTML 6Page - Linear Technology LTC1856IG Datasheet HTML 7Page - Linear Technology LTC1856IG Datasheet HTML 8Page - Linear Technology LTC1856IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1854/LTC1855/LTC1856
185456fa
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
COM
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
MUXOUT+
MUXOUT–
ADC+
ADC–
AGND1
CONVST
RD
SCK
SDI
DGND
SDO
BUSY
OVDD
DVDD
AVDD
AGND3
AGND2
REFCOMP
VREF
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage (OVDD = DVDD = AVDD = VDD) ........... 6V
Ground Voltage Difference
DGND, AGND1, AGND2, AGND3 ......................
±0.3V
Analog Input Voltage
ADC+, ADC–
(Note 3) ...................(AGND1 – 0.3V) to (AVDD + 0.3V)
CH0-CH7, COM ..................................................
±30V
Digital Input Voltage (Note 4) ...... (DGND – 0.3V) to 10V
Digital Output Voltage .... (DGND – 0.3V) to (DVDD + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1854C/LTC1855C/LTC1856C ............ 0
∞C to 70∞C
LTC1854I/LTC1855I/LTC1856I .......... – 40
∞C to 85∞C
Storage Temperature Range ................. – 65
∞C to 150∞C
Lead Temperature (Soldering, 10 sec) ................. 300
∞C
TJMAX = 110
∞C, qJA = 95∞C/W
(Notes 1, 2)
ORDER PART NUMBER
LTC1855CG
LTC1855IG
PACKAGE/ORDER I FOR ATIO
The
● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25
∞C.
MUXOUT connected to ADC inputs. (Notes 5, 6)
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
LTC1854CG
LTC1854IG
LTC1856CG
LTC1856IG
LTC1854
LTC1855
LTC1856
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
●
12
14
16
Bits
No Missing Codes
●
12
14
15
Bits
Transition Noise
0.06
0.25
1
LSBRMS
Integral Linearity Error
(Note 7)
●
±1
±1.5
±3LSB
Differential Linearity Error
●
–1
1
–1
1.5
–2
4
LSB
Bipolar Zero Error
(Note 8)
●
±5
±8
±23
LSB
Bipolar Zero Error Drift
±0.1
±0.1
±0.1
ppm/
∞C
Bipolar Zero Error Match
3
4
10
LSB
Bipolar Full-Scale Error
External Reference (Note 11)
●
±0.34
±0.14
±0.1
%
Internal Reference (Note 11)
±0.45
±0.40
±0.4
%
Bipolar Full-Scale Error Drift
External Reference
±2.5
±2.5
±2.5
ppm/
∞C
Internal Reference
±7
±7
±7
ppm/
∞C
Bipolar Full-Scale Error Match
5
10
15
LSB
Input Common Mode Range
●
±10
±10
±10
V
Input Common Mode Rejection Ratio
96
96
96
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com