Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6603 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6603
Description  Dual Adjustable Lowpass Filter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6603 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6603 Datasheet HTML 16Page - Linear Technology LTC6603 Datasheet HTML 17Page - Linear Technology LTC6603 Datasheet HTML 18Page - Linear Technology LTC6603 Datasheet HTML 19Page - Linear Technology LTC6603 Datasheet HTML 20Page - Linear Technology LTC6603 Datasheet HTML 21Page - Linear Technology LTC6603 Datasheet HTML 22Page - Linear Technology LTC6603 Datasheet HTML 23Page - Linear Technology LTC6603 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC6603
21
6603f
APPLICATIONS INFORMATION
results in four matched filter channels, all synchronized to
the same clock. The master has its CLKCNTL pin pulled
to V+D, configuring its CLKIO pin as an output, while the
slave has its CLKCNTL pin pulled to ground, configuring its
CLKIO pin as an input. Note that in order to synchronize the
two filters, the clock frequency must not be buffered. This
requires that the filters be close together on the PC board.
If the clock is buffered, the filters would have matching
bandwidths, but would not be synchronized.
Output Drive
The filter outputs can drive 1k and/or 50pF loads connected
to AC ground with a 0.5V to 2.5V signal (corresponding
to a 4VP-P differential signal). For differential loads (loads
connected between +OUTA and –OUTA or +OUTB and
–OUTB) the outputs can produce a 4VP-P signal across 2k
and/or 25pF. For smaller signal amplitudes, the outputs can
drive correspondingly larger loads. For larger capacitive
loads, an external 50Ω series resistor is recommended
for each output.
Clock Feedthrough
Clock feedthrough is defined as the RMS value of the clock
frequency and its harmonics that are present at the filter’s
output. The clock feedthrough is measured with +INA and
–INA (or +INB, –INB) tied to VOCM and depends on the PC
board layout and the power supply decoupling. The clock
feedthrough can be reduced with a simple RC post filter.
Decoupling Capacitors
The LTC6603 uses sampling techniques, therefore its
performance is sensitive to supply noise. 0.1μF ceramic
decoupling capacitors must be connected from V+A (Pin 2)
and V+D (Pin 16) to ground with leads as short as possible.
A ground plane should be used. Noisy signals should be
isolated from the filter’s input pins. In addition, a 0.1μF
decoupling capacitor at Pin 20 is recommended since this
pin receives clocked current injection.
Aliasing
Aliasing is an inherent phenomenon of sampled data filters.
Significant aliasing only occurs when the frequency of the
input signal approaches the sampling frequency or mul-
tiples of the sampling frequency. The ratio of the LTC6603
input sampling frequency to the clock frequency, fCLK, is
determined by the state of control bits LPF1 and LPF0.
Table 6 shows the possible input sampling frequencies for
a clock frequency of 80MHz. The input sampling frequency
is proportional to the clock frequency. For example, if the
clock frequency is lowered from 80MHz to 40MHz, the
input sampling frequency will be lowered by half. Input
signals with frequencies near the input sampling frequency
will be aliased to the passband of the filter and appear at
the output unattenuated.
Table 6. Input Sampling Frequency (fCLK = 80MHz)
LPF1
LPF0
Input Sampling Frequency (MHz)
00
20
01
40
1
0
160
1
1
160
A simple LC anti-aliasing filter is recommended at the
filter inputs to attenuate frequencies near the input sam-
pling frequency that will be aliased to the passband. For
example, if the clock frequency is set to 80MHz and the
cutoff frequency of the filter is set to its maximum (LPF1
= ‘1’), the lowest frequency that would be aliased to the
passband would be fCLK – fCUTOFF, i.e. 160MHz – 2.5MHz
= 157.5MHz. The LTC6603 filter inputs should be driven
by a low impedance output (<100Ω).
Wideband Noise
The wideband noise of the filter is the RMS value of the
device’s output noise spectral density. The wideband noise
is nearly independent of the value of the clock frequency
and excludes the clock feedthrough. Most of the wideband
noise is concentrated in the filter passband and cannot be
removed with post filtering.
Power Supply Current
The power supply current depends on the state of the
lowpass cutoff frequency controls (LPF1, LPF0) and the
value of RBIAS. When the LTC6603 is programmed for
the middle cutoff frequency (LPF1 = ‘0’, LPF0 = ‘1’), the
supply current is reduced by about 23% relative to the
supply current for the higher bandwidth setting. Pro-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com